Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17823BGCB Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX17823BGCB
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823BGCB Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX17823BGCB Datasheet HTML 31Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 32Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 33Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 34Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 35Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 36Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 37Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 38Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 35
Low-Voltage Regulator
An internal linear regulator supplies low-voltage power (VAA) for the ADC and digital logic. The regulator is disabled
when SHDNL is active-low or when the die temperature (TDIE) exceeds 145°C. Once VAA decays below 2.95V typical,
an internal power-on reset (POR) will be generated as shown in Figure 22. This event can be detected with the
ALRTRST bit as shown in Table 15. After a thermal shutdown, the regulator will not be enabled until TDIE < 130°C
due to hysteresis.
Table 14. Low-Voltage Regulator
Input: DCIN
Input Voltage: 9V to 65V
Output: VAA
Output Voltage: 3.3V
Disable: VSHNDL < 0.6V or TDIE > 145°C
The low-voltage regulator is continuously monitored for under-voltage as described in Table 15.
Table 15. Low-Voltage Regulator Diagnostic
Fault
Condition
Alert
Location
VAA under-voltage
VAA < 2.95V
ALRTRST
STATUS[15]
Regulator
Enable
DCIN
SHDNL
AGND
CDCIN
+
RDCIN
Linear
Regulator
VAA
CVAA
CSHDNL
To SHDNL
Charge
Pump
Thermal
Shutdown
+
-
Internal
POR/
+
-
3.0V
Figure 17. Low-Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com