Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17823BGCB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17823BGCB
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823BGCB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17823BGCB Datasheet HTML 1Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 2Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 3Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 4Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 5Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 6Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 7Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 8Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 4
Electrical Characteristics
(VDCIN = +48V, TA = TMIN to TMAX, unless otherwise noted, where TMIN = -40oC and TMAX = +105oC. Typical values are at
TA = +25oC. Operation is with the recommended application circuit. See Note 5.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Voltage
VDCIN
9
65
V
DCIN Current,
Shutdown Mode
IDCSHDN
VSHDNL= 0V
0.1
2
µA
DCIN Current,
Standby Mode (Note 16)
IDCSTBY
VSHDNL > 1.8V, UART in idle mode, not
in acquisition mode, BALSWEN,
CTSTEN = 0000h
1.4
2.0
2.6
mA
DCIN Current,
Acquisition Mode (Note 16)
IDCMEAS
MEASUREEN = 0FFFh,
acquisition mode
3.5
5.4
8.5
mA
Incremental DCIN Current,
Communication Mode
(Note 16)
IDCCOMM
Baud rate = 2Mb/s (0% idle time
preambles mode), 200pF load on
TXUP, 200pF on TXUN, TXL not
active, not in acquisition mode,
BALSWEN, CTSTEN = 0000h
1.5
3
mA
HV Current,
Acquisition Mode
IHVMEAS
Acquisition mode, MEASUREEN =
0FFFh, VHV = VDCIN + 5.5V
0.9
1.1
1.3
mA
Incremental HV Current,
Cell-Balancing Mode
IHVBAL
VHV = VDCIN + 5.5V, n balancing
switches enabled
(n+1)x5 (n+1)x13.5 (n+1)x26
µA
CELL VOLTAGE INPUTS (Cn, VBLKP)
Differential Input Range
(Note 11)
VCELLn
Unipolar mode
0.2
4.8
V
Bipolar mode
-2.3
+2.3
V
Common-Mode Input Range
VCnCM
Not connected to SWn inputs
0
65
V
Input Leakage Current
ILKG_Cn
Not in acquisition mode, VCn = 65V
-200
±
10
+200
nA
VBLKP Input Resistance
RVBLKP
VBLKP = VDCIN = 57.6V
4.5
10
20
MΩ
HVMUX Switch Resistance
RHVMUX
CTSTDAC[3:0] = Fh
1.7
3.3
5
kΩ
CELL-BALANCING INPUTS (SWn)
Leakage Current
ILKG_SW
VSW0 = 0V, VSWn = 5V, VSWn-1 = 0V
-1
+1
µA
Resistance, SWn to SWn-1
RSW
BALSWEN[n-1] = 1, ISWn = 100mA
0.5
2
5
Ω
Maximum Allowed Balancing
Current (Note 15)
IBAL_MAX
Tj = 105°C, 25% average duty-cycle
per switch
256
mA
AUXILIARY INPUTS (AUXIN1, AUXIN2)
Input Voltage Range
VAUXIN
0
VTHRM
V
Input Leakage Current
ILKG_AUX
Not in acquisition mode,
VAUXINn = 1.65V
-400
10
+400
nA
THRM OUTPUT
Switch Resistance,
VAA to THRM
RTHRM
25
70
Ω
Leakage Current
ILKG_THRM VTHRM = 3.3V
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com