Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17823BGCB Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # MAX17823BGCB
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823BGCB Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button MAX17823BGCB Datasheet HTML 45Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 46Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 47Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 48Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 49Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 50Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 51Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 52Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 49
Data Type
Description
Command byte
A byte defining the command packet type, generally either a read or a write.
Register address
A byte defining the register address to be read or written.
Register data
Register data bytes being read or written.
Data-check byte
An error and alert status byte sent and returned with all reads.
PEC byte
A Packet Error Checking byte sent and returned with every packet except HELLOALL.
Alive-counter
A byte functioning as a device counter on all reads and writes, if ALIVECNTEN = 1.
Fill byte
Bytes transmitted in READALL command packets for clocking purposes only.
Command Bytes
The Battery-Management UART Protocol supports six command types summarized in Table 22.
Table 22. Command Packet Types
Command
Description
Data-Check
PEC
Alive-
Counter
Packet Size
(Characters)
HELLOALL
Writes a unique device address to each device in
the daisy-chain. Required for system initialization.
No
No
No
8
WRITEALL
Writes a specified register in all devices.
No
Yes
Yes
14
WRITEDEVICE Writes a specified register in a single device.
No
Yes
Yes
14
READALL
Reads a specific register from all devices.
Yes
Yes
Yes
12 + (4z)
READDEVICE
Reads a specified register from a single device.
Yes
Yes
Yes
16
ROLLCALL
Reads the ADDRESS register for 32 devices.
Yes
Yes
Yes
138
Note: z = total number of devices, ALIVECNTEN = 1, packet size includes framing characters.
Command Byte Encoding
Command bytes encoding is described in Table 23. For READDEVICE and WRITEDEVICE commands, the device
address is encoded in the command byte. The device ignores those commands containing a device address other
than its own.
Table 23. Command Byte Encoding
Command
Byte*
7
6
5
4
3
2
1
0
HELLOALL
57h
0
1
0
1
0
1
1
1
ROLLCALL
01h
0
0
0
0
0
0
0
1
WRITEDEVICE
04h
DA[4]
DA[3]
DA[2]
DA[1]
DA[0]
1
0
0
WRITEALL
02h
0
0
0
0
0
0
1
0
READDEVICE
05h
DA[4]
DA[3]
DA[2]
DA[1]
DA[0]
1
0
1
READALL
03h
0
0
0
0
0
0
1
1
*Assumes DA[4:0] = 0x00 where DA[4:0] is the device address in the ADDRESS register.
Register Addresses
All register addresses are single-byte quantities and are defined in the Register Map. In general, if the register or
device address in a received command is not a valid address for the device, the device will ignore the read or write
and simply pass-through the packet to the next device.
Register Data
All registers are 16-bit words (two data bytes) and are defined in the Register Map.
Data-Check Byte
The host uses the returned data-check byte to promptly determine if any communication errors occurred during the
packet transmission and to check if alert flags are set in any devices as shown in Table 24. The data-check byte is
returned by the READALL and READDEVICE commands. For READDEVICE, the data-check byte is updated only
by the addressed device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com