Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17823BGCB Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX17823BGCB
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823BGCB Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX17823BGCB Datasheet HTML 24Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 25Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 26Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 27Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 28Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 29Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 30Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 31Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 28
Measurement Data Transfer
By default, all ALU data is automatically transferred to the data registers (CELLn, VBLOCK, AIN1, AIN2, DIAG,
MINMAXCELL and TOTAL) at the end of each acquisition. The transfer occurs in parallel, that is, all data registers
are loaded at the same time. When this occurs, the DATARDY bit is set and the host can read out the data. In the
simplest, sequential approach, the host will initiate the acquisition by setting SCAN, wait for the acquisition to
complete (SCANDONE = 1), read the data registers, and then repeat the cycle.
Double-buffer Mode
The double-buffer mode (DBLBUFEN = 1) enables reduced cycle times by allowing the host to read out data registers
during the acquisition mode. In this mode, the automatic transfer of measurement results from the ALU to the data
registers is delayed until the start of the next acquisition. This delay allows the host to start reading out the first
acquisition data while the second acquisition is taking place and to finish reading out the first acquisition even as the
second acquisition completes. The host can then start a new acquisition and repeat the cycle. If the first acquisition
data is needed before starting the second acquisition, the host can perform a manual data transfer by setting
DATAMOVE. The manual transfer cannot occur in acquisition mode so the host may first verify that SCANDONE =
1. Flowcharts for operation of double-buffer mode are shown in Figures 12 and 13.
Note: An alternate double-buffer mode may be enabled (DBLBUFSEL = 1) that offers an even higher degree of
pipelining but at the cost of increased complexity in the application code. Contact Maxim Applications for details
regarding the alternate double-buffer mode.
ADC
BLOCK ALU
ALU1
ALUn
ALU12
ALU Registers
VBLOCK
Register
Cell1
Register
Celln
Register
Cell12
Register
Data Registers
DataMove
Trigger
-
+
12
12
ADCTSTEN
12
14
14
14
14
ADCTEST1A[11:0]
12
ADCTEST1B[11:0]
12
12
ADC_chop
ADCTEST2A[11:0]
12
ADCTEST2B[11:0]
12
OVSAMP_even_odd
UART Communication
AIN2
Register
AIN1
Register
12
12
DIAG ALU
DIAG
Register
14
Figure 11. Measurement Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com