Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986ITR Datasheet(PDF) 14 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 10Page - STMicroelectronics A6986ITR Datasheet HTML 11Page - STMicroelectronics A6986ITR Datasheet HTML 12Page - STMicroelectronics A6986ITR Datasheet HTML 13Page - STMicroelectronics A6986ITR Datasheet HTML 14Page - STMicroelectronics A6986ITR Datasheet HTML 15Page - STMicroelectronics A6986ITR Datasheet HTML 16Page - STMicroelectronics A6986ITR Datasheet HTML 17Page - STMicroelectronics A6986ITR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
Figure 9. Soft-start phase
The CSS value is chosen according to equation (1)
CSS = SSGAIN∙ISSCH∙TSS
VFB  =  3∙4μA∙TSS
0.85V
(1)
where TSS is the soft-start time, ISS CH the charging current and VFB the reference of the error amplifier.
During normal operation a new soft-start cycle takes place in case of:
• Thermal shutdown event
• UVLO event
• The device is driven in INH mode
The soft-start capacitor is discharged with a 0.6 mA typ. current capability for 1 ms time max. For complete and
proper capacitor discharge in case of fault conditions, a maximum CSS = 67 nF value is suggested.
In case the soft-start should be externally driven by a voltage step (e.g. the signal from ignition switch in
automotive applications), the schematic in Figure 10 can be used.
The secondary output line regulation is defined, similarly to the primary side, as the variation of the secondary
output voltage due to the input voltage change at a specific current.
A6986I
Soft-start and inhibit
DS13481 - Rev 2
page 14/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com