Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986ITR Datasheet(PDF) 19 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 15Page - STMicroelectronics A6986ITR Datasheet HTML 16Page - STMicroelectronics A6986ITR Datasheet HTML 17Page - STMicroelectronics A6986ITR Datasheet HTML 18Page - STMicroelectronics A6986ITR Datasheet HTML 19Page - STMicroelectronics A6986ITR Datasheet HTML 20Page - STMicroelectronics A6986ITR Datasheet HTML 21Page - STMicroelectronics A6986ITR Datasheet HTML 22Page - STMicroelectronics A6986ITR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
5.8
Output voltage load regulation
Primary output load regulation
Figure 18 shows negligible primary output voltage variation (normalized to the value measured at IOUT = 0 A) over
the entire output current range for the A6986I with VOUT = 5.3 V.
Figure 19. Load regulation of the non isolated output
-0.6%
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
0.6%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
IOUT_prim [A]
Secondary output load regulation
Since there is not a regulation loop involving the secondary output, its load regulation depends to some extent
on the primary load regulation and is affected by the leakage inductance (see Figure 19) of the transformer,
the voltage drops across to the Schottky diode (diode forward voltage) and the DCR of the secondary coil, as
indicated by equation (1) (where only the last two contributions are considered). Minimizing all the mentioned
parameters leads to a better load regulation.
Figure 20. Effect of the transformer leakage inductance on the isolated output load regulation
-15%
-10%
-5%
0%
5%
10%
15%
10
20
30
40
50
60
70
80
90
100
IOUT [mA]
Lleak = 240nH
Lleak = 700nH
A6986I
Output voltage load regulation
DS13481 - Rev 2
page 19/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com