Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986ITR Datasheet(PDF) 26 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 22Page - STMicroelectronics A6986ITR Datasheet HTML 23Page - STMicroelectronics A6986ITR Datasheet HTML 24Page - STMicroelectronics A6986ITR Datasheet HTML 25Page - STMicroelectronics A6986ITR Datasheet HTML 26Page - STMicroelectronics A6986ITR Datasheet HTML 27Page - STMicroelectronics A6986ITR Datasheet HTML 28Page - STMicroelectronics A6986ITR Datasheet HTML 29Page - STMicroelectronics A6986ITR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
whereas the zero is defined as:
fPHF= 1
2∙π∙R0∙C0+Cp 
(15)
6.3
Voltage divider
The contribution of the internal voltage divider for fixed output voltage devices is:
GDIV(s)= R2R1+R2=VFBVOUT
(16)
A small signal capacitor in parallel to the upper resistor (see figure below) of the voltage divider implements a
leading network (fzero < fpole), sometimes necessary to improve the system phase margin:
Figure 28. Leading network example
The Laplace transformer of the leading network is:
GDIV(s)= R2R1+R2∙1+sfZ1+sfP
(17)
where
fZ= 12∙π∙R1∙CR1
(18)
fP= 1
2∙π∙R1∙R2
R1+R2∙CR1
fZ<fP
6.4
Total loop gain
In summary, the open loop gain can be expressed as:
G (s)= GDIV(s)∙GC0(s)∙A0(s)
(19)
A6986I
Voltage divider
DS13481 - Rev 2
page 26/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com