Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6780 Datasheet HTML 3Page - Analog Devices ADRF6780 Datasheet HTML 4Page - Analog Devices ADRF6780 Datasheet HTML 5Page - Analog Devices ADRF6780 Datasheet HTML 6Page - Analog Devices ADRF6780 Datasheet HTML 7Page - Analog Devices ADRF6780 Datasheet HTML 8Page - Analog Devices ADRF6780 Datasheet HTML 9Page - Analog Devices ADRF6780 Datasheet HTML 10Page - Analog Devices ADRF6780 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 7 of 35
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SCLK
SDIN
VP18
VPBI
IFIP
AGND
IFIN
RST
VDET
VPDT
VPRF
AGND
RFOP
AGND
RFON
AGND
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
ADRF6780
TOP VIEW
(Not to Scale)
NOTES
1. SOLDER THE EXPOSED PAD TO A LOW IMPEDANCE
GROUND PLANE.
2. THE DEVICE NUMBER ON THE FIGURE DOES NOT
INDICATE THE LABEL ON THE PACKAGE. PLEASE
REFER TO PIN 1 INDICATOR FOR PIN LOCATIONS.
PIN 1
INDICATOR
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDET
RF Detector Output. The voltage output is proportional to the decibel RF output power. The detector slope is
nominally 50 mV/dB.
2
VPDT
Power Supply Connection for the RF Detector. Decouple the VPDT pin with 100 pF and 0.1 µF capacitors as
close as possible to the pin. Note that this pin must always be supplied with 5 V.
3, 9
VPRF
Power Supply Connections for the RF Path. Decouple the VPRF pin with 100 pF and 0.1 µF capacitors as close
as possible to the pins.
4, 6, 8,
19, 29
AGND
Analog Grounds. Connect these pins to a low impedance ground plane.
5, 7
RFOP, RFON
RF Outputs. These outputs are 100 Ω differential outputs for the RF path. Frequency range is 5.9 GHz to 23.6 GHz.
10
VATT
Modulator Output Attenuator Control Input. The RF voltage variable attenuator is controlled by applying a
0 V to 2.6 V control voltage to the VATT pin. Increase the gain when VATT voltage increases. This pin is linear in
dB over central gain range.
11 to
14
BBQN, BBQP,
BBIP, BBIN
I Channel and Q Channel Baseband Inputs. These inputs are high input impedance and are typically differentially
terminated to a 100 Ω resistor using an off chip termination. The nominal common-mode bias level on these
pins must be 0.5 V.
15
VPBB
Power Supply Connection for Baseband Path. Decouple the VPBB pin with 100 pF and 0.1 µF capacitors as
close as possible to the pin.
16
PWDN
Power Down. The ADRF6780 powers up when the PWDN pin is at a low logic level (<0.5 V). To power down
the ADRF6780, apply a logic high level (>1.2 V). When the ADRF6780 is powered up, the SPI can also be used
as a power-down capability. The PWDN pin has an internal 18 kΩ pull-down resistor.
17
RST
Reset. This pin provides the ability to reset the SPI to the default register settings. Pull the RST pin to a logic
high level in normal operation. Driving the RST pin to a logic low level loads the default SPI register settings.
The RST pin has an internal 7.75 kΩ pull-up resistor.
18, 20
IFIN, IFIP
IF Inputs. These inputs are 100 Ω differential inputs for IF upconversion, and they must be ac-coupled.
When the IF mode is set, remove the 0 Ω R10 to R13 resistors from the I/Q lines.
21
VPBI
Power Supply Connection. Decouple the VPBI pin with 100 pF and 0.1 µF capacitors as close as possible to
the pin.
22
VP18
1.8 V Power Supply. Decouple the VP18 pin with 100 pF and 0.1 µF capacitors as close as possible to the pin.
23
SDIN
Serial Data Input. Serial data applied to the SDIN pin is loaded into the SPI register upon a successful write
command as indicated in the timing diagrams (see Figure 68 to Figure 70). The first most significant bit (MSB)
is a control bit and it determines whether data is written to the register (logic high) or read from the serial
data output pin (logic low). The SDIN pin has an internal 18 kΩ pull-down resistor.
24
SCLK
Serial Clock. This pin is the clock input for the SPI interface. The SCLK pin has an internal 18 kΩ pull-down resistor.
25
SDTO
Serial Data Output. The SDTO pin provides a SPI readback capability. See the timing diagrams for normal
operation (see Figure 68 to Figure 70). The SDTO pin has an internal 18 kΩ pull-down resistor.
26
SEN
Serial Enable. When the SEN input pin goes high, the data stored in the shift registers is loaded into the
register. The SEN pin has an internal 7.75 kΩ pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com