Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6780 Datasheet HTML 16Page - Analog Devices ADRF6780 Datasheet HTML 17Page - Analog Devices ADRF6780 Datasheet HTML 18Page - Analog Devices ADRF6780 Datasheet HTML 19Page - Analog Devices ADRF6780 Datasheet HTML 20Page - Analog Devices ADRF6780 Datasheet HTML 21Page - Analog Devices ADRF6780 Datasheet HTML 22Page - Analog Devices ADRF6780 Datasheet HTML 23Page - Analog Devices ADRF6780 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 20 of 35
RETURN LOSS
–25
–20
–15
–10
–5
0
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 63. RF Output Return Loss S11 vs. RF Frequency for Various
Temperatures
–25
–20
–15
–10
–5
0
5
7
9
11
13
15
17
19
21
23
25
LO FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 64. LO Input Return Loss S11 vs. LO Frequency for Various
Temperatures
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
IQ FREQUENCY (GHz)
–40°C, BASEBAND I PORT
+25°C, BASEBAND I PORT
+85°C, BASEBAND I PORT
–40°C, BASEBAND Q PORT
+25°C, BASEBAND Q PORT
+85°C, BASEBAND Q PORT
Figure 65. I/Q Input Return Loss S11 vs. I/Q Frequency for Various
Temperatures
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
IF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 66. IF Input Return Loss S11 vs. IF Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com