Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6780 Datasheet HTML 19Page - Analog Devices ADRF6780 Datasheet HTML 20Page - Analog Devices ADRF6780 Datasheet HTML 21Page - Analog Devices ADRF6780 Datasheet HTML 22Page - Analog Devices ADRF6780 Datasheet HTML 23Page - Analog Devices ADRF6780 Datasheet HTML 24Page - Analog Devices ADRF6780 Datasheet HTML 25Page - Analog Devices ADRF6780 Datasheet HTML 26Page - Analog Devices ADRF6780 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 23 of 35
APPLICATIONS INFORMATION
CARRIER FEEDTHROUGH NULLING
Carrier feedthrough results from minute dc offsets that occur on
the differential baseband inputs. In an I/Q modulator, nonzero
differential offsets mix with the LO and result in carrier
feedthrough to the RF output. In addition to this effect, some
of the signal power at the LO input couples directly to the RF
output (this may be because of the bond wire to bond wire coupling
or coupling through the silicon substrate). The net carrier
feedthrough at the RF output is the vector combination of the
signals that appear at the output because of these two effects. A
TxDAC can externally accomplish carrier feedthrough nulling.
SIDEBAND SUPPRESSION OPTIMIZATION
Sideband results from gain and phase imperfections between
the I and Q channels. Sideband also results from the quadrature
error in generating the quadrature LO signals. Quadrature I and Q
signals are constructed in the LO path, and the vector combination
of these signals at the RF output results in suppression of the
unwanted sideband. Deviation from perfect quadrature on these
signals limits the amount of achievable sideband suppression.
The ADRF6780 offers quadrature phase adjustment in the LO
path quadrature signals. Make these adjustments through the
I_PATH_PHASE_ACCURACY bits (Register 0x05, Bits[3:0])
and Q_PATH_PHASE_ACCURACY (Register 0x05, Bits[7:4])
bits to reject the unwanted sideband signal.
Figure 14 shows the level of unwanted sideband signal achievable
from the ADRF6780 across the I_PATH_PHASE_ACCURACY
bits (Register 0x05, Bits[3:0]) and Q_PATH_PHASE_ACCURACY
(Register 0x05, Bits[7:4]) bits.
If further optimization is needed, adjust the amplitude and
phase externally through a TxDAC.
LINEARITY
The linearity in the ADRF6780 can be optimized through the
distortion cancellation circuit that is set up by the RDAC_
LINEARIZE bits (Register 0x04, Bits[7:0]) SPI settings. The
distortion cancellation circuit connects in parallel with the
baseband signal path in such a way that the fundamental is
minimally affected whereas the third-order portions cancel to
some degree. Adjusting the value of the RDAC_LINEARIZE
bits (Register 0x04, Bits[7:0]) changes the resistance value in
the cancellation path by fine tuning the amount of third-order
destructively added to the main signal path. It also serves as a
form or predistortion for third-order impedance generated
further down in the signal path.
Figure 16 and Figure 44 show the level of linearity improvement
achievable across the ADRF6780 RDAC_LINEARIZE bits.
ADC
The ADRF6780 includes an ADC that connects to a detector.
The user has an option to read the detector output from the
detector output pin (VDET, Pin 1) or using the ADC from the
SPI. Figure 71 shows normal operation at I/Q mode, an RF output
of 6.7 GHz, an I/Q input of 1 MHz, and a maximum gain. Figure 72
shows normal operation at IF mode and an RF output of 6.7 GHz,
an IF input of 800 MHz, and a maximum gain.
0.05
0.25
0.45
0.65
0.85
1.05
1.25
0
50
100
150
200
250
300
RF OUTPUT POWER (dBm)
ADC VALUE
DETECTOR VOLTAGE(V)
–35
–31
–27
–23
–19
–15
–11
–7
–3
1
Figure 71. ADC Detector Output and Detector Output Power, I/Q Mode
0.05
0.25
0.45
0.65
0.85
1.05
1.25
0
50
100
150
200
250
300
–35
–31
–27
–23
–19
–15
–11
–7
–3
1
RF OUTPUT POWER (dBm)
ADC VALUE
DETECTOR VOLTAGE (V)
Figure 72. ADC Detector Output and Detector Output Power, IF Mode
The following procedure is to read back from the detector for
the first time. For each subsequent readback, repeat Step 4 to
Step 8. To read back from the detector using the ADC, take the
following steps:
1. Set Bit 7 of Register 0x03 to 1 (DETECTOR_ENABLE).
2. Set Bit 1 of Register 0x06 to 1 (ADC_ENABLE). Write
0x02 to Register 0x06.
3. Set Bit 0 of Register 0x06 to 1 (ADC_CLOCK_ENABLE).
Write 0x03 to Register 0x06.
4. Set Bit 2 of Register 0x06 to 1 (ADC_START). Write 0x07
to Register 0x06.
5. Wait approximately 200 µs for the ADC to be ready.
6. Read back Bit 8 of Register 0x0C to 1 (ADC_STATUS).
When the bit is high, proceed to Step 7.
7. Set Bit 2 of Register 0x06 to 0 (ADC_START).
8. Read back Bits[7:0] of Register 0x0C for the ADC
value (ADC_VALUE).
To disable the ADC, disable the ADC_CLOCK_ENABLE,
ADC_ENABLE, and ADC_START bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com