Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6780 Datasheet HTML 1Page - Analog Devices ADRF6780 Datasheet HTML 2Page - Analog Devices ADRF6780 Datasheet HTML 3Page - Analog Devices ADRF6780 Datasheet HTML 4Page - Analog Devices ADRF6780 Datasheet HTML 5Page - Analog Devices ADRF6780 Datasheet HTML 6Page - Analog Devices ADRF6780 Datasheet HTML 7Page - Analog Devices ADRF6780 Datasheet HTML 8Page - Analog Devices ADRF6780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 2 of 35
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 9
I/Q Mode ....................................................................................... 9
IF Mode........................................................................................ 14
Output Detector Performance.................................................. 19
Return Loss.................................................................................. 20
Theory of Operation ...................................................................... 21
Baseband...................................................................................... 21
Single Sideband (SSB) Upconversion ...................................... 21
LO Input Path.............................................................................. 21
Serial Port Interface (SPI).......................................................... 21
Applications Information .............................................................. 23
Carrier Feedthrough Nulling.................................................... 23
Sideband Suppression Optimization ....................................... 23
Linearity....................................................................................... 23
ADC ............................................................................................. 23
Wide Frequency Performance .................................................. 24
Layout .......................................................................................... 24
LO Input Driven Differential vs. Single Ended .......................... 25
Register Summary .......................................................................... 27
Register Details: Wideband Upconverter.................................... 28
Control Register ......................................................................... 28
ALARM_READBACK Register ............................................... 28
ALARM_MASK Register.......................................................... 29
Enable Register ........................................................................... 29
Linearize Register....................................................................... 30
LO_PATH Register..................................................................... 30
ADC_CONTROL Register ....................................................... 31
ADC_OUTPUT Register .......................................................... 31
Basic Connections for Operation................................................. 32
Outline Dimensions....................................................................... 35
Ordering Guide .......................................................................... 35
REVISION HISTORY
1/2019—Rev. C to Rev. D
Changes to ADC Section............................................................... 23
7/2018—Rev. B to Rev. C
Changed 32.95 to 9.18 in θJA Column, Table 3 ............................. 6
Changes to Ordering Guide .......................................................... 35
10/2017—Rev. A to Rev. B
Changes to Maximum Junction Temperature Parameter, Table 2... 6
Change to Table 4......................................................................................... 7
Changes to Figure 31 Caption.................................................................13
Changes to Ordering Guide.....................................................................35
5/2016—Rev. 0 to Rev. A
Change to Table 4 ............................................................................. 7
Changes to Figure 40...................................................................... 15
Changes to Figure 47...................................................................... 16
Changes to Figure 58...................................................................... 18
Change to Figure 84 ....................................................................... 33
Changes to Table 16........................................................................ 34
3/2016—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com