Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6780 Datasheet HTML 14Page - Analog Devices ADRF6780 Datasheet HTML 15Page - Analog Devices ADRF6780 Datasheet HTML 16Page - Analog Devices ADRF6780 Datasheet HTML 17Page - Analog Devices ADRF6780 Datasheet HTML 18Page - Analog Devices ADRF6780 Datasheet HTML 19Page - Analog Devices ADRF6780 Datasheet HTML 20Page - Analog Devices ADRF6780 Datasheet HTML 21Page - Analog Devices ADRF6780 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 18 of 35
125
130
135
140
145
150
155
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 56. Output Noise Density vs. RF Frequency (fRF) at a 7 dB Gain Setting
for Various Temperatures with an Output Carrier of −5 dBm
125
130
135
140
145
150
155
–13
–8
–3
2
7
12
VATT GAIN (dB)
fRF = 6GHz
fRF = 10GHz
fRF = 15GHz
fRF = 20GHz
fRF = 24GHz
Figure 57. Output Noise Density vs. VATT Gain for Various RF Frequencies (fRF)
with an Input Carrier of −12 dBm
–20
–15
–10
–5
0
5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IF FREQUENCY (GHz)
Figure 58. Bandwidth, POUT at 15 GHz and Maximum Gain Setting vs.
IF Frequency (fIF)
–10
–8
–6
–4
–2
0
2
4
6
8
10
5
7
9
11
13
15
17
19
21
23
25
RF FREQUENCY (GHz)
VATT = 2.6V
VATT = 1.5V
VATT = 0.4V
Figure 59. Magnitude Delta, RFON to RFOP vs. RF Frequency (fRF) at
Three Different Gain Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com