Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBSGAM02PR50 Datasheet(PDF) 15 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 15 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 11Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 12Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 13Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 14Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 15Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 16Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 17Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 18Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 19Page - Efficient Power Conversion Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
15
FBS-GAM02-P-R50 Datasheet
Figure 13. Half-Bridge Configuration: Three Phase Motor Drive Stage
+5 VDC
PWM2 In
PWM1 In
VBIAS
BOUT
TOUT
VDD
TIN
BIN
FBS-GAM02-P-R50
VDD
1
7
18
8
17
9
16
10
15
14
13
12
11
2
3
4
5
6
PWM1
PWM2
ton
td
td
T
PWM3
PWM4
ton
td
td
T
PWM5
PWM6
ton
td
td
T
+5 VDC
PWM4 In
PWM3 In
VBIAS
BOUT
TOUT
VDD
TIN
BIN
FBS-GAM02-P-R50
1
7
18
8
17
9
16
10
15
14
13
12
11
PH1
3-Phase Motor
PH2
PH3
2
3
4
5
6
PWM6 In
PWM5 In
VBIAS
BOUT
TOUT
VDD
TIN
BIN
FBS-GAM02-P-R50
1
7
18
8
17
9
16
10
15
14
13
12
11
2
3
4
5
6
PGND
LGND
PGND
LGND
PGND
LGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com