Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBSGAM02PR50 Datasheet(PDF) 18 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 18 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 14Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 15Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 16Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 17Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 18Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 19Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 20Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 21Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 22Page - Efficient Power Conversion Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
18
FBS-GAM02-P-R50 Datasheet
Adaptive Dead Time Control For the FBS-GAM02-P-R50
In circuits shown in both Figure 14 and 15 the dead times required by the FBS-GAM02-P-R50 to avoid cross-conduction/shoot-through
are generated in a “brute force” manner either with analog components (Figure 14) or with programmable logic and firmware in an
FPGA/ASIC (Figure 15). There is another way to obtain the optimum dead times for the FBS-GAM02-P-R50 device – adaptive dead time
control, as shown in Figure 16.
Adaptive dead time control utilizes the state of the switching node (SN) of the GAM02 in order to allow the BIN or TIN signals (in this
case the BIN signal is the simple logical inverse of the TIN signal) to be applied to the BIN or TIN logic inputs of the FBS-GAM02-P-R50
in order to avoid dynamic cross-conduction/shoot-though in the low- and high-side output power HEMTs. If the switching node of the
FBS-GAM02-P-R50 is “low” (i.e. at PGND) then the low-side switch is turned ON, or in the process of turning OFF, and the high-side
switch must not be turned ON (i.e. a logic 1 applied to the TIN input). Similarly, if the switching node is “high” (i.e. at VDD), then the-high
side switch is turned ON, or in the process of turning OFF, and the low-side switch must not be turned ON (i.e. a logic 1 applied to the
BIN input). However, if the BIN input is logic 0 and the switching node is “high” (i.e. the high-side catch Schottky conducting load current)
then the TIN input may be set to logic 1 to turn on the high-side driver. This same situation applies to the high-side driver: If the TIN input
is logic 0 and the switching node is “low” (i.e. the low-side catch Schottky is conducting load current) then the BIN input may be set to
logic 1 to turn on the low-side driver. The circuit shown in Figure 16 relies on a similar voltage clamping scheme for the switching node
as was utilized in Figures 14 and 15, with the exception that the power supply VDD, and subsequent range of the switching node, could
be much higher than 12 VDC – in fact up to 50 VDC for the FBS-GAM02-P-R50. So greater care must be exercised in the selection of
the clamping components to avoid excessive power dissipation in them, and the associated decrease in circuit efficiency. It is strongly
recommended to simulate the circuit once the components have been selected to ensure that the proper clamping level is achieved and
that the power dissipation of the clamp circuit is kept to a reasonable level so as not to affect overall circuit operating efficiency.
The key objective in the application of the adaptive dead time control circuit is to minimize the time delay associated with the voltage
clamping circuit. Ideally, the desired time delay of the clamping circuit is zero in order to achieve the lowest (optimum) dead times.
However, some delay is expected because the Zener diode clamp has finite capacitance and the biasing/current limiting delay resistors
contribute an R1-Czener inherent delay. There are certainly other methods to level-shift and monitor the switching node so as to ascertain
its voltage level/state. Again, the key is to determine that state as quickly as possible so that switching decisions may be made at the BIN
and TIN inputs of the FBS-GAM02-P-R50 as quickly as possible.
Figure 16. Adaptive Dead Time Control for Cross-Conduction/Shoot-Through Avoidance
D1
D2
TIN
BIN
CC
R1
PWM Signal:
From FPGA/ASIC or
PWM Controller
From GAM02
Half-Bridge
Switching Node
R2
R3
U3
U3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com