Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBSGAM02PR50 Datasheet(PDF) 23 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 23 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 19Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 20Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 21Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 22Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 23Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 24Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 25Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 26Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 27Page - Efficient Power Conversion Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
23
FBS-GAM02-P-R50 Datasheet
High-Side Bootstrap Capacitor Periodic Recharge
DC Operation and Power-Up Sequencing
Recommended VDD-to-PGND Power Supply Bypassing
The high-side power switch gate driver utilizes a bootstrap capacitor to provide the proper bias for this circuit during switching
operation. As such, this capacitor
MUST be periodically re-charged from the VBIAS power supply. As a stand-alone high-side switch with
a ground-connected/ground-sensed load, this recharging takes place each time the switch is turned OFF and the TOUT node returns
to ground potential (0 VDC). However, when connected in conjunction with the low-side power switch in the Half-Bridge configuration
(See Figure 10, for example), this connection to ground does not exist until the low-side power switch is turned ON, thus creating a
low impedance connection from TOUT through the low-side power switch (BOUT-PGND). If the high-side gate driver is not provided with
periodic recharge during operation, damage may occur to the Module.
The time tprg is the minimum time required for the low-side driver to be turned ON in order to ensure that the bootstrap capacitor is
properly charged when power is initially applied to the FBS-GAM02-P-R50 Module.
If DC operation is desired for the Module when connected as two single, independent, power drivers (see Figures 6, 7 or 8, for examples)
then an isolated +4.5 to +5.5 VDC power supply capable of operation with high rates-of-change of voltage from primary-to-secondary
should be connected to the TBST (pin 10) and TOS (pin 9) pins on the Module to provide DC power to the high-side gate driver.
The recommended power sequencing for the FBS-GAM02-P-R50 is the VBIAS power supply is applied first and within the recommended
operating voltage range prior to the application of VDD to the circuit.
The FBS-GAM02P-R-50 is designed as a switching eGAN® HEMT multifunction driver that is inherently capable of DC (steady-state)
operation. As such, there are precautions that must be observed during the application and operation of this Module.
One of these
precautions is power-up sequencing. The power MUST be sequenced to the circuit with VBIAS being applied first and within its
recommended operating voltage range before VDD is applied to the circuit. This will prevent the gate driver output (OUT) from
assuming a non-deterministic state with regards to the logic input (IN) and unintentionally providing an internal drive signal to
the internal eGaN® HEMT power switches. Under NO circumstances should an FBS-GAM02-P-R50 Module be used in a half-
bridge configuration with VDD applied first, prior to VBIAS, to the Module.
The power supply pins and return pin of the FBS-GAM02-P-R50 require proper high frequency bypassing to one-another in order to
prevent harmful switching noise-related spikes from degrading or damaging the internal circuitry in the FBS-GAM02-P-R50 module.
The more critical bypassing situation is related to the VDD supply to PGND (Pin 14), which bears the high rate-of-change voltages and
currents associated with the internal eGaN® power switches interacting with a load. It is recommended that a minimum of two (2) 4.7
microfarad ceramic capacitors, one (1) 1.0 microfarad ceramic capacitor and one (1) 0.1 microfarad ceramic capacitor, all with 100 VDC
ratings, be connected from VDD to PGND. All four of these capacitors should be low ESR types, if possible. It is strongly recommended
that these capacitors inscribe the smallest possible loop area between VDD and PGND so as to minimize the inductance related to
this loop area. Figure 21 illustrates three instances of recommended and acceptable VDD-PGND bypassing, as implemented in PCB
copper etch. Regardless, different end-use implementations will require different VDD bypass capacitor placements, and it is strongly
recommended that the chosen bypassing scheme be evaluated in hardware for its effectiveness.
It is also recommended that a 1.0 microfarad ceramic capacitor and a 0.1 microfarad ceramic capacitor, each 25 VDC rating, be
connected between VBIAS (pin 4) and PGND (pin 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com