Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBSGAM02PR50 Datasheet(PDF) 26 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 26 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 22Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 23Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 24Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 25Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 26Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 27Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 28Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 29Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 30Page - Efficient Power Conversion Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
26
FBS-GAM02-P-R50 Datasheet
Figure 23. Maximum Switching Frequency vs. Supply
Voltage(VDD)vs.
Module Case Temperature (Tc ), Io = 10 A, Half-Bridge Configuration.
Figure 24. Maximum Switching Frequency vs. Supply Voltage (VDD) vs.
Module Case Temperature (Tc ), Io = 10 A, Half-Bridge Configuration.
60
50
40
30
20
10
0
300
200
400
500
600
700
800
900
1000
Switching Frequency (kHz)
110°C
85°C
70°C
I
O = 10 A
DC
60
50
40
30
20
10
0
1.0
1.2
1.4
1.6
1.8
2.0
Switching Frequency (MHz)
110°C
85°C
70°C
50°C
35°C
I
O = 10 A
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com