Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBSGAM02PR50 Datasheet(PDF) 31 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 31 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 25Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 26Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 27Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 28Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 29Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 30Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 31Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 32Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 33Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
31
FBS-GAM02-P-R50 Datasheet
Recommended PCB Solder Pad Configuration
The novel I/O “pillar” pads fabricated onto the pad-side
surface of the FBS-GAM02-P-R50 module are designed
to provide optimal electrical, thermal and mechanical
properties for the end-use system designer. To achieve the
full benefit of these properties, it is important that the
FBS-GAM02-P-R50 module be soldered to the PCB
motherboard using SN63 (or equivalent) solder. Care should
be taken during processing to insure there is minimal solder
voiding in the contacts to the VDD (pin 11), TOUT (pin 12),
BOUT (pin 13) and PGND (Pin 14) pads on the module. The
recommended pad dimensions and locations are shown in
Figure 32. All dimensions are shown in inches.
Figure 32. Recommended PCB Solder
Pad Configuration (Top View)
Preheat Zone – The preheat zone, is also referred to as the ramp zone, and is used to elevate the temperature of the PCB to the
desired soak temperature. In the preheat zone the temperature of the PCB is constantly rising, at a rate that should not exceed 2.5°C/
sec. The oven’s preheat zone should normally occupy 25-33% of the total heated tunnel length.
Figure 33. Sn63/Pb37 No Clean Solder Paste Typical Reflow Example Profile.
250
200
150
100
50
0
183
< 2.5°C sec
Soak temp 140-160°C
30-120 s
2.0-4.5 min, Slope 0.5°C/sec
0
30
60
90
120
150
180
210
240
270
300
330
360
Peak Temp
Min 205°C Max 225°C
Reflow Time =
60-90 Sec
Soak
Time (Sec)
Preheat
0.710
0.000
0.000
0.185
0.155
0.370
0.340
0.710
0.555
0.525
0.700
0.010
0.620
0.580
0.500
0.460
0.375
0.335
0.250
0.210
0.130
0.090
Sn63/Pb37 No Clean Solder Paste Typical Example Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com