Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3464T-E/ST Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 51Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 52Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 53Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 54Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 55Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 56Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 57Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 58Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 55
MCP3461/2/4
5.14.3
SCAN MODE INTERNAL
RESOURCE CHANNELS
5.14.3.1
Analog Supply Voltage Reading
(AVDD)
During the conversion that reads AVDD in SCAN mode,
the multiplexer selection becomes 0x98 (AVDD-AGND),
which is equal to the analog power supply voltage.
Since AVDD is the highest voltage available in the chip,
when reading AVDD in SCAN mode, the gain of the
ADC is automatically set to 0.33x, which maximizes the
input full-scale range, regardless of the GAIN[2:0] set-
tings. This temporary internal configuration does not
change the register settings, but just for the gain of the
device during this conversion.
With this fixed 0.33x gain, the ADC can measure the
maximum specified analog supply voltage (AVDD =3.6V)
with a reference voltage as low as 1.2V.
5.14.3.2
Temperature Reading (TEMP)
During the conversion that reads TEMP in SCAN
mode, the multiplexer selection becomes 0xDE, which
enables the two temperature diode sensors at each
input of the ADC. During the temperature reading, the
gain of the ADC is automatically set to ‘1x’, regardless
of the GAIN[2:0] settings. This temporary internal con-
figuration does not change the register setting, but just
for the gain of the device during this conversion.
5.14.3.3
Offset Reading (OFFSET)
During the conversion that reads OFFSET in SCAN
mode, the differential MUX output is shorted to AGND
(internally). The Offset Reading varies from part to part,
over AVDD and temperature. The reading of this offset
value can be used for the device offset calibration or
tracking of the offset value in applications.
There is no automatic offset calibration in the device,
so the user has to manually write the opposite signed
value of the offset measured into the OFFSETCAL reg-
ister to effectively cancel the offset on the subsequent
outputs.
5.14.3.4
VCM Reading (VCM)
During the conversion that reads VCM, the device
monitors the internal Common-mode voltage of the
device in order to ensure proper operation.
The VCM voltage of the device should be located at 1.2V,
±2%, to ensure proper accuracy. In this setting, the inter-
nal multiplexer setting becomes 0xF8h (VCM – AGND). In
order to properly measure VCM, the voltage reference at
the inputs needs to be larger than 1.2V.
During the VCM reading, the gain of the ADC is set to
1x regardless of the GAIN[2:0] settings. This temporary
internal configuration does not change the register
setting, but just the gain of the device during this
conversion.
The VCM reading is susceptible to the gain error and off-
set error of the ADC, which should be calibrated out to
obtain a precise internal Common-mode measurement.
5.14.4
DELAY BETWEEN EACH
CONVERSION WITHIN A SCAN
CYCLE (DLY[2:0])
While the ADC and multiplexer are optimized to switch
from one channel to another instantaneously, it may not
be the case of an application that requires additional
settling time to overcome the transition. The device can
insert an additional delay between each conversion of
the SCAN cycle.
The delay value is controlled by the DLY[2:0] bits
located in the SCAN register (SCAN[23:20]). See
Table 5-15.
The delay is only added in between two conversions of
the same SCAN cycle. There is no delay added at the
end or the beginning of each SCAN cycle as a result of
the DLY[2:0] bits setting.
During this delay, the ADC is internally kept in Standby
mode (ADC_MODE[1:0] = 10 internally, but the
ADC_MODE[1:0] bits are always read as ‘11’ through
the SPI interface).
The analog multiplexer switches to the next selected
input at the end of each conversion, which means at
the beginning of the added delay so that the application
can have additional time to settle properly.
TABLE 5-15:
DELAY BETWEEN
CONVERSIONS WITH A SCAN
CYCLE
DLY[2:0]
Delay Value
(DMCLK Periods)
111
512
110
256
101
128
100
64
011
32
010
16
001
8
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com