Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3464T-E/ST Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 60Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 61Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 62Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 63Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 64Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 65Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 66Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 67Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
MCP3461/2/4
DS20006180D-page 64
 2019-2021 Microchip Technology Inc.
FIGURE 6-5:
Single Register Write Communication (CMD[1:0] = 10) Timing Diagram.
FIGURE 6-6:
Multiple Register Write Within One Communication Using Incremental Write Feature.
SPI Mode 1,1; Example with a 24-Bit Wide Register Located at Address CMD[5:2]
SPI Mode 0,0; Example with a 24-Bit Wide Register Located at Address CMD[5:2]
Don’t Care
SCK
SDI
SDO
CS
High-Z
Device Latches SDI on Rising Edge
Don’t Care
DATA[23]
Don’t Care
SCK
SDI
SDO
CS
High-Z
Device Latches SDI on Rising Edge
0
Don’t
Care
DATA[0]
A[6]
High-Z
0
0
0
0
0
High-Z
0
...
ADDR
...
0xD
Complete
Write
Sequence
Rollover
ADDRESS SET
0x1
Don’t Care
SCK
SDI
SDO
CS
High-Z
8x
COMMAND
BYTE
Depends on
ADDR
ADDR
...
ADDR = 0xD
CMD[7:6] + ADDR +10
Complete Write Sequence
ADDR + 1
Depends on
ADDR + 1
...
8x
8x
ADDR = 0x1
...
Complete Write Sequence
ADDR = 0x2
8x
...
8x
ADDR = 0xD
00xxxxxx
Depends on IRQ Status
and Device Address
High-Z
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com