Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3464T-E/ST Datasheet(PDF) 78 Page - Microchip Technology

Part # MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Datasheet(HTML) 78 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 74Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 75Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 76Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 77Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 78Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 79Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 80Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 81Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 108 page
background image
MCP3461/2/4
DS20006180D-page 78
 2019-2021 Microchip Technology Inc.
For measurement of voltages that can reach AVDD or a
few mV higher, a gain setting of 0.33x is useful since it will
increase the input range to 3 x VREF value, so a 1.2V
VREF will allow a theoretical input range of 3.6V. The
maximum voltage that can be measured is always
bounded by AVDD + 0.1V in order to limit excess leakage
current at the input pins created by the ESD structures.
Therefore, in order to properly measure 3.6V with a 1.2V
voltage reference, it is recommended to use an AVDD
supply voltage as close as possible to 3.6V.
7.1.2
THERMOCOUPLE CONNECTION
One of the most used temperature transducers in the
industry is the thermocouple. The thermocouples
provide a voltage dependent on the temperature differ-
ence between cold junction and hot junction. This
voltage is in the order of magnitude of few tens of
µV/°C, which require amplification that can be provided
by the internal gain stage of the ADC.
FIGURE 7-2:
Thermocouple Connection
to MCP3461.
The connection of the thermocouple to the ADC requires
minimal extra components and it’s recommended to
use a differential input structure. The cold junction can
be measured using a digital temperature sensor, such
as MCP9804 connected to the MCU. If high accuracy
is not required, the cold junction temperature can be
estimated directly with the internal temperature sensor
of the ADC (Figure 7-2).
7.2
Typical Application for
Ratiometric Voltage Measurement
A wide range of sensors provides an output voltage
directly related to the power supply of the sensors.
These sensors are known as ratiometric output. These
sensors often have Wheatstone bridge structure, like
pressure sensors or load cells (Figure 7-3).
FIGURE 7-3:
Wheatstone Bridge
Ratiometric Connection.
Others act as a single resistor with a value dependent
on temperature (pure metal Resistance Thermometer,
RTD, and Negative Temperature Coefficient resistor,
NTC). To accurately measure the signal from these
sensors, most often the REFIN+ is connected to the
same power supply of the sensor (Figure 7-4) as long
as this will respect the Electrical Characteristics table.
FIGURE 7-4:
RTD Ratiometric
Connection.
7.3
Power Supply Design and
Bypassing
In any system, the analog ICs (such as references or
operational amplifiers) are always connected to the
analog ground plane. The MCP3461/2/4 should also be
considered as sensitive analog components and
connected to the analog ground plane. The ADC
features two pairs of power supply voltage pins: AGND
and AVDD, DGND and DVDD. For best performance, it is
recommended to keep the two pairs of pins connected
to two different networks (Figure 7-5). This way, the
design will feature two ground traces and two power
supplies (Figure 7-6).
The analog circuitry (including MCP3461/2/4) and the
digital circuitry (MCU) should have separate power
supplies and return paths to the external ground
reference, as described in Figure 7-5. An example of a
typical power supply circuit, with different paths for
analog and digital return circuit, is shown in Figure 7-6.
A possible split example is shown in Figure 7-7, where
the ground star connection can be located underneath
the device with the exposed pad. The split here,
between analog and digital, can be done under the
device, and AVDD and DVDD can be connected
together with lines coming under the ground plane. The
two separate return paths eventually share a unique
connection point (star connection) in order to minimize
coupling between the two power supply domains.
Another possibility, sometimes easier to implement in
terms of PCB layout, is to consider the MCP3461/2/4
as an analog component, and connect both AVDD and
DVDD together, and AGND and DGND together, with a
star connection. In this scheme, the decoupling capac-
itors may be larger, due to the ripple on the digital
power supply (caused by the digital filters and the SPI
interface of the MCP3461/2/4), now causing glitches on
the analog power supply.
VIN+
VIN-
24-Bit ADC
I2C
MCP3461
Anti
Aliasing 
Filter
Sensor
Vin+
Vin-
REFIN+
REFIN-
MCP3461
C1
C2
R1
R2
AGND
DGND
Vin +
Vin -
RE F IN+
RE F IN-
M C P 3461
R 1
Inpu t
Sign al
RT D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com