Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3464T-E/ST Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 52Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 53Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 54Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 55Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 56Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 57Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 58Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 59Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
MCP3461/2/4
DS20006180D-page 56
 2019-2021 Microchip Technology Inc.
5.14.5
DELAY BETWEEN EACH SCAN
CYCLE (TIMER[23:0])
During Continuous mode, SCAN cycles are processed
continuously, one after another, separated by a time
delay (TTIMER_SCAN), which is defined by the TIMER
register (address: 0x8) value. During this delay, the
ADC is automatically placed into a power-saving mode
(Standby or ADC Shutdown). The TTIMER_SCAN delay
offers better power efficiency for applications that run a
SCAN sequence periodically. Since the delay can be
very long, it allows synchronous applications with very
slow update rates without having to use an external
timer. The TIMER register defines the time, TTIMER_SCAN,
between each cycle with a 24-bit unsigned value going
from 0 to 16777215 DMCLK periods. Table 5-16 details
the TIMER possible values with respect to the
TIMER[23:0] code.
The internal TIMER counter will decrement from the
TTIMER_SCAN value to 0 and launch the new SCAN cycle.
If the TTIMER_SCAN value is greater than TADC_SETUP
(256 DMCLK periods), the device will be placed in ADC
Shutdown mode (ADC_MODE is set internally to ‘00’)
at each end of a SCAN cycle. When the internal TIMER
counter reaches 256, the device will start up the ADC
during a TADC_SETUP time to be ready to convert when
the internal counter reaches 0.
If the TTIMER_SCAN value is less than TADC_SETUP, the
part will be placed in Standby mode between each
SCAN cycle (ADC_MODE is internally set to ‘10’).
ADC_MODE[1:0] bits in the CONFIG0 can only be read
as ‘11’ by the SPI interface during the whole SCAN
cycle and in between SCAN cycles.
5.15
A/D Conversions Automatic Reset
and Restart Feature
When the A/D conversions are running, the user can
change the device configuration through the SPI interface
by writing any register. Some register settings directly
impact the conversion results and would lead to invalid
ADC data if they were changed within a conversion. The
device incorporates an automatic Reset and restart
feature for the A/D conversions to avoid these invalid data
to be generated. Some register writes with the SPI inter-
face during a conversion will automatically reset and
restart the A/D conversion with the new settings.
The automatic Reset and restart feature behavior
depends on the register bits that are written by the SPI
interface.
5.15.1
REGISTER BITS’ MODIFICATIONS
NOT CAUSING RESET/RESTART
The first group of bits does not generate any Reset and
restart. This group is composed of all the unused bits,
all the read-only bits and some digital settings, such as
CONV_MODE[1:0], DATA_FORMAT[1:0], CRC_FORMAT,
EN_CRCCOM,
IRQ_MODE[0],
EN_FASTCMD,
EN_STP and LOCK[7:0] bits.
5.15.2
REGISTER BITS’ MODIFICATIONS
CAUSING IMMEDIATE
RESET/RESTART
The second group of bits generates immediate Reset and
restart. The Reset is immediate, the restart is only valid
after a period of two MCLK periods (necessary to handle
the Reset and ensures that the restart is synchronous with
the master clock). This group is composed of settings that
do not induce an analog operating point change. This
group includes ADC_MODE[1:0], PRE[1:0], OSR[3:0],
GAIN[2:0], AZ_MUX, EN_OFFCAL, EN_GAINCAL,
IRQ_MODE[1:0], MUX[7:0] and DLY[2:0] bits.
The EN_OFFCAL, EN_GAINCAL and IRQ_MODE[1:0]
bits generate the Reset and restart only if they are
changed to a new value. An overwrite of the same
value has no effect. In SCAN mode, the Reset and
restart feature will just restart the current conversion for
this group of bits; the SCAN cycle is not modified and
not restarted. The MUX[7:0] bits can be changed within
SCAN mode without generating a Reset and restart,
since this register is a don’t care during SCAN mode.
The DLY[2:0] bits can be changed during the MUX
mode without generating a Reset and restart, since
these bits are don’t care during the MUX mode. The
OFFSETCAL[23:0] and GAINCAL[23:0] bits will only
generate a Reset and restart when written if their
corresponding enable bit (EN_OFFCAL, EN_GAINCAL)
is enabled.
The ADC_MODE[1:0] bits generate an immediate
reset and restart but only if they are overwritten with
‘11’ (in any other case, the conversions are stopped).
Depending on the part being in MUX or SCAN mode,
the reset and restart feature resets either the conver-
sion or the complete SCAN cycle.
TABLE 5-16:
TIMER DELAY VALUE
BETWEEN SCAN CYCLES
TIMER[23:0]
TTIMER_SCAN
Delay Value
(DMCLK Periods)
111111111111111111111111
16777215
111111111111111111111110
16777214
100000000000000000000000
8388608
000000000000000000000001
1
000000000000000000000000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com