Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755EC Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 33Page - NXP Semiconductors MPC755EC Datasheet HTML 34Page - NXP Semiconductors MPC755EC Datasheet HTML 35Page - NXP Semiconductors MPC755EC Datasheet HTML 36Page - NXP Semiconductors MPC755EC Datasheet HTML 37Page - NXP Semiconductors MPC755EC Datasheet HTML 38Page - NXP Semiconductors MPC755EC Datasheet HTML 39Page - NXP Semiconductors MPC755EC Datasheet HTML 40Page - NXP Semiconductors MPC755EC Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
37
System Design Information
The MPC755 generates the clock for the external L2 synchronous data SRAMs by dividing the core clock
frequency of the MPC755. The divided-down clock is then phase-adjusted by an on-chip delay-lock-loop
(DLL) circuit and should be routed from the MPC755 to the external RAMs. A separate clock output,
L2SYNC_OUT is sent out half the distance to the SRAMs and then returned as an input to the DLL on pin
L2SYNC_IN so that the rising-edge of the clock as seen at the external RAMs can be aligned to the
clocking of the internal latches in the L2 bus interface.
The core-to-L2 frequency divisor for the L2 PLL is selected through the L2CLK bits of the L2CR register.
Generally, the divisor must be chosen according to the frequency supported by the external RAMs, the
frequency of the MPC755 core, and the phase adjustment range that the L2 DLL supports. Table 17 shows
various example L2 clock frequencies that can be obtained for a given set of core frequencies. The
minimum L2 frequency target is 80 MHz.
0011
PLL off/bypass
PLL off, SYSCLK clocks core circuitry directly, 1x bus-to-core implied
1111
PLL off
PLL off, no core clocking occurs
Notes:
1. PLL_CFG[0:3] settings not listed are reserved.
2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core,
or VCO frequencies which are not useful, not supported, or not tested for by the MPC755; see Section 4.2.1, “Clock
AC Specifications,” for valid SYSCLK, core, and VCO frequencies.
3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, the PLL is disabled, and the
bus mode is set for 1:1 mode operation. This mode is intended for factory use and emulator tool use only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4. In PLL off mode, no clocking occurs inside the MPC755 regardless of the SYSCLK input.
Table 17. Sample Core-to-L2 Frequencies
Core Frequency (MHz)
÷1
÷1.5
÷2
÷2.5
÷3
250
250
166
125
100
83
266
266
177
133
106
89
275
275
183
138
110
92
300
300
200
150
120
100
325
325
217
163
130
108
333
333
222
167
133
111
350
350
233
175
140
117
366
366
244
183
146
122
Table 16. MPC755 Microprocessor PLL Configuration Example for 400 MHz Parts (continued)
PLL_CFG
[0:3]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus
33 MHz
Bus
50 MHz
Bus
66 MHz
Bus
75 MHz
Bus
80 MHz
Bus
100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com