| Electronic Components Datasheet Search |
|
MPC755EC Datasheet(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC755EC Datasheet(HTML) 40 Page - NXP Semiconductors |
|
40 / 56 page ![]() MPC755 RISC Microprocessor Hardware Specifications, Rev. 8 40 Freescale Semiconductor System Design Information Figure 22 describes the driver impedance measurement circuit described above. Figure 22. Driver Impedance Measurement Circuit Alternately, the following is another method to determine the output impedance of the MPC755. A voltage source, Vforce, is connected to the output of the MPC755 as shown in Figure 23. Data is held low, the voltage source is set to a value that is equal to (L2)OVDD/2 and the current sourced by Vforce is measured. The voltage drop across the pull-down device, which is equal to (L2)OVDD/2, is divided by the measured current to determine the output impedance of the pull-down device, RN. Similarly, the impedance of the pull-up device is determined by dividing the voltage drop of the pull-up, (L2)OVDD/2, by the current sank by the pull-up when the data is high and Vforce is equal to (L2)OVDD/2. This method can be employed with either empirical data from a test setup or with data from simulation models, such as IBIS. RP and RN are designed to be close to each other in value. Then Z0 = (RP + RN)/2. Figure 23 describes the alternate driver impedance measurement circuit. Figure 23. Alternate Driver Impedance Measurement Circuit (L2)OVDD OGND RP RN Pad Data SW1 SW2 (L2)OVDD (L2)OVDD BGA Data Pin Vforce OGND |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |