Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755EC Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 48Page - NXP Semiconductors MPC755EC Datasheet HTML 49Page - NXP Semiconductors MPC755EC Datasheet HTML 50Page - NXP Semiconductors MPC755EC Datasheet HTML 51Page - NXP Semiconductors MPC755EC Datasheet HTML 52Page - NXP Semiconductors MPC755EC Datasheet HTML 53Page - NXP Semiconductors MPC755EC Datasheet HTML 54Page - NXP Semiconductors MPC755EC Datasheet HTML 55Page - NXP Semiconductors MPC755EC Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
53
Ordering Information
10 Ordering Information
Ordering information for the devices fully covered by this specification document is provided in
Section 10.1, “Part Numbers Fully Addressed by This Document.” Note that the individual part numbers
correspond to a maximum processor core frequency. For available frequencies, contact your local
Freescale sales office. In addition to the processor frequency, the part numbering scheme also includes an
application modifier which may specify special application conditions. Each part number also contains a
revision code which refers to the die mask revision number. Section 10.2, “Part Numbers Not Fully
Addressed by This Document,” lists the part numbers which do not fully conform to the specifications of
this document. These special part numbers require an additional document called a hardware specifications
addendum.
10.1
Part Numbers Fully Addressed by This Document
Table 20 provides the Freescale part numbering nomenclature for the MPC755 and MPC745 devices fully
addressed by this document.
Table 20. Part Numbering Nomenclature
MPC
xxx
x
xx
nnn
x
x
Product
Code
Part
Identifier
Process
Descriptor
Package 1
Processor
Frequency
Application Modifier
Revision Level
XPC2
755
745
B = HiP4DP
PX = PBGA
RX = CBGA
300
350
L: 2.0 V ± 100 mV
0
° to 105°C
E: 2.8; PVR = 0008 3203
755
C = HiP4DP
400
MPC
755
B = HiP4DP
300
350
C = HiP4DP
350
400
745
B = HiP4DP
PX = PBGA
300
350
745
C = HiP4DP
PX = PBGA
VT = PBGAPb-
free BGA
350
755
745
B = HiP4DP
VT = PBGAPb-
free BGA
300
350
755
C = HiP4DP
350
400
Notes:
1. See Section 7, “Package Description,” for more information on available package types.
2. The X prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13.
These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified
technology to simulate normal production. These parts have only preliminary reliability and characterization data. Before
pilot production prototypes may be shipped, written authorization from the customer must be on file in the applicable
sales office acknowledging the qualification status and the fact that product changes may still occur while shipping pilot
production prototypes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com