Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755EC Datasheet(PDF) 51 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 47Page - NXP Semiconductors MPC755EC Datasheet HTML 48Page - NXP Semiconductors MPC755EC Datasheet HTML 49Page - NXP Semiconductors MPC755EC Datasheet HTML 50Page - NXP Semiconductors MPC755EC Datasheet HTML 51Page - NXP Semiconductors MPC755EC Datasheet HTML 52Page - NXP Semiconductors MPC755EC Datasheet HTML 53Page - NXP Semiconductors MPC755EC Datasheet HTML 54Page - NXP Semiconductors MPC755EC Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
51
Document Revision History
4
—
Added 450 MHz speed bin.
Changed Table 16 to show 450 MHz part in example.
Added row for 433 and 450 MHz core frequencies to Table 17.
In Section 1.8.8, revised the heat sink vendor list.
In Section 1.8.8.2, revised the interface vendor list.
3
—
Updated format and thermal resistance specifications of Table 4.
Reformatted Tables 9, 10, 11, and 12.
Added dimensions A3, D1, and E1 to Figures 18, 19, and 20.
Revised Section 1.8.7 and Figure 25, removed Figure 26 and Table 19 (information now included in
Figure 25).
Reformatted Section 1.10.
Clarified address bus and address attribute pull-up recommendations in Section 1.8.7.
Clarified Table 2.
Updated voltage sequencing requirements in Table 1 and removed Section 1.8.3.
2
—
1.8 V/2.0 V mode no longer supported; added 2.5 V support.
Removed 1.8 V/2.0 V mode data from Tables 2, 3, and 6.
Added 2.5 V mode data to Tables 2, 3, and 6.
Extended recommended operating voltage (down to 1.8 V) for VDD, AVDD, and L2AVDD for 300 and
350 MHz parts in Table 3.
Updated Table 7 and test conditions for power consumption specifications.
Corrected Note 6 of Table 9 to include TLBISYNC as a mode-select signal.
Updated AC timing specifications in Table 10.
Updated AC timing specifications in Table 12.
Corrected AC timing specifications in Table 13.
Added L1_TSTCLK, L2_TSTCLK, and LSSD_MODE pull-up requirements to Section 1.8.6.
Corrected Figure 22.
Table 19. Document Revision History (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com