Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402DR2RKXCQJHT Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VJ0402DR2RKXCQJHT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402DR2RKXCQJHT Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VJ0402DR2RKXCQJHT Datasheet HTML 5Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 6Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 7Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 8Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 9Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 10Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 11Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 12Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
VJ HIFREQ HT Series
www.vishay.com
Vishay Vitramon
Revision: 13-Jan-2020
9
Document Number: 45239
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
Approved 200 °C range
• Plastic carrier tape
240
24 pF
•
•
•
•
•
•
F, G, J, K, M
270
27 pF
•
•
•
•
•
•
F, G, J, K, M
300
30 pF
•
•
•
•
•
•
F, G, J, K, M
330
33 pF
•
•
•
•
•
•
F, G, J, K, M
360
36 pF
•
•
•
•
•
•
F, G, J, K, M
390
39 pF
•
•
•
•
•
•
F, G, J, K, M
430
43 pF
•
•
•
•
•
•
F, G, J, K, M
470
47 pF
•
•
•
•
•
•
F, G, J, K, M
510
51 pF
•
•
•
•
•
•
F, G, J, K, M
560
56 pF
•
•
•
•
•
•
F, G, J, K, M
620
62 pF
•
•
•
•
•
•
F, G, J, K, M
680
68 pF
•
•
•
•
•
F, G, J, K, M
750
75 pF
•
•
•
•
•
F, G, J, K, M
820
82 pF
•
•
•
•
F, G, J, K, M
910
91 pF
•
•
•
•
F, G, J, K, M
101
100 pF
•
•
•
•
F, G, J, K, M
111
110 pF
•
•
•
•
F, G, J, K, M
121
120 pF
•
•
•
•
F, G, J, K, M
131
130 pF
•
•
•
•
F, G, J, K, M
151
150 pF
•
•
•
•
F, G, J, K, M
181
180 pF
•
•
•
•
F, G, J, K, M
201
200 pF
•
•
•
•
F, G, J, K, M
221
220 pF
•
•
•
•
F, G, J, K, M
241
240 pF
•
•
•
•
F, G, J, K, M
271
270 pF
•
•
•
F, G, J, K, M
301
300 pF
•
•
•
F, G, J, K, M
331
330 pF
•
•
•
F, G, J, K, M
361
360 pF
•
•
•
F, G, J, K, M
391
390 pF
•
•
•
F, G, J, K, M
431
430 pF
•
•
•
F, G, J, K, M
471
470 pF
•
•
•
F, G, J, K, M
511
510 pF
•
•
•
F, G, J, K, M
561
560 pF
•
•
F, G, J, K, M
621
620 pF
•
•
F, G, J, K, M
681
680 pF
•
•
F, G, J, K, M
751
750 pF
•
F, G, J, K, M
821
820 pF
•
F, G, J, K, M
911
910 pF
•
F, G, J, K, M
102
1000 pF
•
F, G, J, K, M
112
1100 pF
122
1200 pF
132
1300 pF
152
1500 pF
SELECTION CHART
DIELECTRIC (VISHAY CODE)
C0G (D)
STYLE
VJ0805
TOLERANCE
CASE SIZE
0805
VOLTAGE (VDC)
16
25
50
100
200
250
VOLTAGE CODE
J
X
A
B
C
P
CAP. CODE
CAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com