Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402DR2RKXCQJHT Datasheet(PDF) 12 Page - Vishay Siliconix

Part # VJ0402DR2RKXCQJHT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402DR2RKXCQJHT Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button VJ0402DR2RKXCQJHT Datasheet HTML 8Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 9Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 10Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 11Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 12Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 13Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 14Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 15Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
VJ HIFREQ HT Series
www.vishay.com
Vishay Vitramon
Revision: 13-Jan-2020
12
Document Number: 45239
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HIGH FREQ HT DIELECTRIC - TYPICAL PARAMETERS
10
100
1000
10000
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-100
-50
0
50
100
150
200
250
Temperature Coefficient of Capacitance
Temperature (°C)
Typical TCC
10
100
1000
10000
1
10
100
1000
10 000
100 000
0
50
100
150
200
250
Insulation Resistance vs. Temperature
Temperature (°C)
Typical IR
Minimum IR
10
100
1000
10000
-0.2
-0.1
0
0.1
0.2
1
10
100
1000
10 000
Aging Rate
Hours
10
100
1000
10000
-0.2
-0.1
0
0.1
0.2
0
102030405060708090 100
Voltage Coefficient of Capacitance
DC Volts Applied
10
100
1000
10000
0
0.020
0.040
0.060
0.080
0.100
-75
-25
25
75
125
175
Typical Dissipation Factor
Temperature (°C)
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com