Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402DR2RKXCQJHT Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VJ0402DR2RKXCQJHT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402DR2RKXCQJHT Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VJ0402DR2RKXCQJHT Datasheet HTML 7Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 8Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 9Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 10Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 11Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 12Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 13Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 14Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
VJ HIFREQ HT Series
www.vishay.com
Vishay Vitramon
Revision: 13-Jan-2020
11
Document Number: 45239
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
Approved 200 °C range
Approved 175 °C range
• Plastic carrier tape
390
39 pF
•
•
•
•
•
F, G, J, K, M
430
43 pF
•
•
•
•
•
F, G, J, K, M
470
47 pF
•
•
•
•
•
F, G, J, K, M
510
51 pF
•
•
•
•
•
F, G, J, K, M
560
56 pF
•
•
•
•
•
F, G, J, K, M
620
62 pF
•
•
•
•
•
F, G, J, K, M
680
68 pF
•
•
•
•
•
F, G, J, K, M
750
75 pF
•
•
•
•
•
F, G, J, K, M
820
82 pF
•
•
•
•
•
F, G, J, K, M
910
91 pF
•
•
•
•
•
F, G, J, K, M
101
100 pF
•
•
•
•
•
F, G, J, K, M
111
110 pF
•
•
•
•
•
F, G, J, K, M
121
120 pF
•
•
•
•
•
F, G, J, K, M
131
130 pF
•
•
•
•
•
F, G, J, K, M
151
150 pF
•
•
•
•
•
F, G, J, K, M
161
160 pF
•
•
•
•
•
F, G, J, K, M
181
180 pF
•
•
•
•
•
F, G, J, K, M
201
200 pF
•
•
•
•
•
F, G, J, K, M
221
220 pF
•
•
•
•
•
F, G, J, K, M
241
240 pF
•
•
•
•
•
F, G, J, K, M
271
270 pF
•
•
•
•
•
F, G, J, K, M
301
300 pF
•
•
•
•
•
F, G, J, K, M
331
330 pF
•
•
•
•
•
F, G, J, K, M
361
360 pF
•
•
•
•
•
F, G, J, K, M
391
390 pF
•
•
•
•
•
F, G, J, K, M
431
430 pF
•
•
•
•
F, G, J, K, M
471
470 pF
•
•
•
•
F, G, J, K, M
511
510 pF
•
•
•
•
F, G, J, K, M
561
560 pF
•
•
•
F, G, J, K, M
621
620 pF
•
•
•
F, G, J, K, M
751
750 pF
•
•
•
F, G, J, K, M
821
820 pF
•
•
•
F, G, J, K, M
911
910 pF
•
•
•
F, G, J, K, M
102
1000 pF
•
•
•
F, G, J, K, M
112
1100 pF
•
•
F, G, J, K, M
122
1200 pF
•
•
F, G, J, K, M
132
1300 pF
•
•
F, G, J, K, M
152
1500 pF
•
•
F, G, J, K, M
162
1600 pF
•
•
F, G, J, K, M
182
1800 pF
•
•
F, G, J, K, M
202
2000 pF
•
•
F, G, J, K, M
222
2200 pF
•
•
F, G, J, K, M
242
2400 pF
•
•
F, G, J, K, M
272
2700 pF
•
•
F, G, J, K, M
302
3000 pF
•
•
F, G, J, K, M
332
3300 pF
•
•
F, G, J, K, M
SELECTION CHART
DIELECTRIC (VISHAY CODE)
C0G (D)
STYLE
VJ1111
TOLERANCE
CASE SIZE
1111
VOLTAGE (VDC)
50
100
200
300
500
VOLTAGE CODE
A
B
C
D
E
CAP. CODE
CAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com