Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402DR2RKXCQJHT Datasheet(PDF) 13 Page - Vishay Siliconix

Part # VJ0402DR2RKXCQJHT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402DR2RKXCQJHT Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button VJ0402DR2RKXCQJHT Datasheet HTML 9Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 10Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 11Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 12Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 13Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 14Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 15Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 16Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VJ HIFREQ HT Series
www.vishay.com
Vishay Vitramon
Revision: 13-Jan-2020
13
Document Number: 45239
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HIGH FREQ HT DIELECTRIC - TYPICAL PARAMETERS
10
100
1000
10000
0.01
0.1
1
10
100
1000
10 000
100
1000
Typical Q Value vs. Frequency (Size 0402)
Frequency (MHz)
1 pF
10 pF
20 pF
39 pF
82 pF
10
100
1000
10000
0.01
0.1
1
100
1000
Typical ESR vs. Frequency (Size 0402)
Frequency (MHz)
1 pF
10 pF
20 pF
39 pF
82 pF
10
100
1000
10000
0.1
10
1
100
110
100
Typical SRF / PRF vs. Capacitance (Size 0402)
Capacitance (pF)
PRF
SRF
10
100
1000
10000
0.01
0.1
1
10
100
1000
10 000
100
1000
Typical Q Value vs. Frequency (Size 0505)
Frequency (MHz)
2 pF
10 pF
24 pF
56 pF
82 pF
100 pF
10
100
1000
10000
0.01
0.1
1
100
1000
Typical ESR vs. Frequency (Size 0505)
Frequency (MHz)
2 pF
10 pF
24 pF
100 pF
82 pF
56 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com