Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402DR2RKXCQJHT Datasheet(PDF) 16 Page - Vishay Siliconix

Part # VJ0402DR2RKXCQJHT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperatures 175 °C / 200 °C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402DR2RKXCQJHT Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button VJ0402DR2RKXCQJHT Datasheet HTML 9Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 10Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 11Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 12Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 13Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 14Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 15Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 16Page - Vishay Siliconix VJ0402DR2RKXCQJHT Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
VJ HIFREQ HT Series
www.vishay.com
Vishay Vitramon
Revision: 13-Jan-2020
16
Document Number: 45239
For technical questions, contact: mlccrf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Vishay Vitramon uses embossed plastic carrier tape
(2) REFERENCE: EIA standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
(3) n/a = not available
(4) Packaging “C” / “P” and “T” / “R” or lower quantities can depend from product thickness
(5) Paper / plastic tape used by availability
STANDARD PACKAGING QUANTITIES (1)(2)(3)
CASE
CODE
TAPE
SIZE
7" REEL QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
PAPER TAPE
PACKAGING CODE
“C”
PLASTIC TAPE
PACKAGING CODE
“T”
LOW
QUANTITY
“J” (5)
PAPER TAPE
PACKAGING CODE
“P”
PLASTIC TAPE
PACKAGING CODE
“R”
0402
8 mm
5000
n/a
1000
10 000
n/a
0505
8 mm
n/a
3000
1000
n/a
10 000
0603 (4)
8 mm
4000
4000
1000
10 000
10 000
0805 (4)
8 mm
3000
3000
1000
10 000
10 000
1111
8 mm
n/a
2500
1000
n/a
9000
STORAGE AND HANDLING CONDITIONS
(1) Store the components at 5 °C to +40 °C ambient temperature and
 70 % relative humidity conditions.
(2) The product is recommended to be used within a time-frame of 2 years after shipment.
Check solderability in case extended shelf life beyond the expiry date is needed.
Precautions:
a. Do not store products in an environment containing corrosive elements, especially where chloride gas, sulfide gas, acid, alkali, salt or
the like are present. This may cause corrosion or oxidization of the terminations, which can easily lead to poor soldering.
b. Store products on the shelf and avoid exposure to moisture or dust.
c. Do not expose products to excessive shock, vibration, direct sunlight and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com