Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP450 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SFP450
Description  Wide input voltage range (90-264 VAC) with PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFP450 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SFP450 Datasheet HTML 1Page - Bel Fuse Inc. SFP450 Datasheet HTML 2Page - Bel Fuse Inc. SFP450 Datasheet HTML 3Page - Bel Fuse Inc. SFP450 Datasheet HTML 4Page - Bel Fuse Inc. SFP450 Datasheet HTML 5Page - Bel Fuse Inc. SFP450 Datasheet HTML 6Page - Bel Fuse Inc. SFP450 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SFP450 Series
tech.support@psbel.com
MODEL
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
STANDBY OUTPUT
OUTPUT POWER
SFP450-12BG
100 – 240 VAC
12 VDC
36.6 A
3.3 V/ 3 A
450 W
SFP450-S101G*
100 – 240 VAC
12 VDC
36.6 A
3.3 V/ 3 A
450 W
*SFP450-S101G is the preferred version as the over temperature protection is independent of the current.
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
AC Input Voltage
Single-phase continuous input range.
90
264
VAC
Input Frequency
AC input.
47
63
Hz
Hold-up Time
After last AC line peak at full power.
At 115 VAC
20
ms
Input Current
At full-rated load.
At 90 VAC
6
Arms
Inrush Surge Current
Excluding Xcap. Vin = 264 VAC, T = 25 ºC
15
Apk
Power Factor
Per EN61000-3-2
> 0.95
W/VA
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency1
With Vin at 110 VAC and 50% to 75% load on V1.
86
%
With Vin at 110 VAC and 75% to 100% load on V1.
86
%
With Vin at 220 VAC and 50% to 75% load on V1.
87
%
With Vin at 220 VAC and 75% to 100% load on V1.
89
%
Minimum Load
Minimum loading required to maintain regulation.
0
A
Output Power
450
W
Overshoot
Output voltage overshoot at turn-on.
< 5
%
Transient Response
Maximum recovery time to within 1% of initial
set point due to a 25% load change, 1A/µs.
12V output:
Standby output:
5
5
ms
ms
Maximum deviation:
12V output:
Standby output:
3
3
%
%
Turn-On Delay with
PS_ON Signal
Time required for initial output voltage stabilization after
application of AC input or ON/OFF signal.
1500
ms
Output Regulation
See Model Selection table.
1 Internal fan is considered part of the load as it is driven from the 12 V output; Vaux load is set to 0.5 A for efficiency measurements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com