Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP450 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SFP450
Description  Wide input voltage range (90-264 VAC) with PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFP450 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SFP450 Datasheet HTML 1Page - Bel Fuse Inc. SFP450 Datasheet HTML 2Page - Bel Fuse Inc. SFP450 Datasheet HTML 3Page - Bel Fuse Inc. SFP450 Datasheet HTML 4Page - Bel Fuse Inc. SFP450 Datasheet HTML 5Page - Bel Fuse Inc. SFP450 Datasheet HTML 6Page - Bel Fuse Inc. SFP450 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFP450 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2018 Bel Power Solutions & Protection
BCD20030-G_AC
PARAMETER
CONDITIONS / DESCRIPTION
Static
Includes static information such as: part number and revision level, output rating, serial number,
date code, and manufacturing location.
Status (Logic 1 or 0)
AC Input OK.
DC Output OK.
Overtemperature.
Overcurrent.
Fan OK.
Overvoltage Alert
Undervoltage Alert
Real-Time Monitoring
Output voltage (main output). LSB = 20 mV
Output current (main output). LSB = 50 mA
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
Latch-style overvoltage protection.
15
4.3
V
Overcurrent Protection
Current limit (Latching Mode).
12 V output:
Standby output:
38.4
3.2
47.
6 6
A
Short-Circuit Protection
Latching Mode.
Overtemperature/
Fan Failure Warning
12 V output will shut down in the event of an overtemperature condition or blocked fan rotor.
OT setpoint is 62 ±3ºC. Supply's fan and Vaux are active.
Power supply will recover when OT condition is removed.
Amber OT LED will turn ON to indicate fault condition.
PS_KILL
Output enable. Pulled low on conjunction with PS_ON being pulled low allows V1 to be activated. PSKILL will
cause the PSU to latch off the 12 V rail, the latch can be cleared by recycling PSON or recycling the AC supply.
+12V Current Share
0 to 8V signal used for active current sharing.
Write Protect
For factory use only.
PS A0
I2C Address.
SDA
I2C Data line (3.3 V).
SCL
I2C Clock line (3.3 V).
Tach
Two pulses per fan revolution.
AC_OK/H
High signal indicates AC is within PSU limits.
Present/L
100 Ohm resistor internally connected to RTN allowing the PSU to be detected on insertion.
Alert/L
Low signal indicates PSU fan is running below speed or an overtemperature limit was exceeded.
PWROK/H
High signal indicates both outputs are within regulation limits.
2 Reference "I2C Management Interface" and "EEPROM Table of Contents" documents for SFP450-12BG (consult factory).
3 Refer to product specification for internal pull up impedances and timing of these signals.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com