Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP450 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SFP450
Description  Wide input voltage range (90-264 VAC) with PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFP450 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SFP450 Datasheet HTML 1Page - Bel Fuse Inc. SFP450 Datasheet HTML 2Page - Bel Fuse Inc. SFP450 Datasheet HTML 3Page - Bel Fuse Inc. SFP450 Datasheet HTML 4Page - Bel Fuse Inc. SFP450 Datasheet HTML 5Page - Bel Fuse Inc. SFP450 Datasheet HTML 6Page - Bel Fuse Inc. SFP450 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Power Solutions SFP450 Series is a 450 Watt, power factor
corrected (PFC) front-end which provides a 12 VDC output for datacom
and other distributed power applications. Its compact size enables
mounting in both 1U and 2U height racks. High efficiencies, advanced
thermal management techniques, and an internal fan increase reliability
over a broad range of operating conditions. Internal ORing diodes
facilitate use in hot-swap (plug)*, redundant configurations.
Status is provided with front panel LEDs, logic signals and via the I2C
management interface bus.
The SFP450 Series meets international safety requirements and is CE
marked to the Low Voltage Directive (LVD).
•
Wide input voltage range (90-264 VAC) with PFC
•
High power density, 9 W / inch3
•
1U or 2U height configurations
•
Active current share with ORing FET
•
IC interface status and monitoring
•
Standby voltage of 3.3 VDC @ 3 A
•
Overtemperature, overload, and overvoltage protection
•
Status LEDs: AC OK, POWER GOOD, PS FAIL
•
Datacom
•
Distributed Power Systems
* Proper hot-swap (plug) operation instruction: Power supply is not intended to be inserted into
the system with AC cord already applied. Alternatively, if there is an application where power
supply insertion with AC cord is required; PS_ON must be toggled or AC recycled after
insertion into the system to reset the power supply.


Similar Part No. - SFP450

ManufacturerPart #DatasheetDescription
logo
Power-One
SFP450-12BG POWER-ONE-SFP450-12BG Datasheet
823Kb / 9P
AC-DC Front-End 12V Output, 450 Watts
More results

Similar Description - SFP450

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
Wide-Range AC Input 90-264 VAC
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K40 FSP-FSP042-1K40 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K00 FSP-FSP060-1K00 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K40 FSP-FSP060-1K40 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K80 FSP-FSP060-1K80 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
logo
Bel Fuse Inc.
PET750-12-050 BEL-PET750-12-050 Datasheet
1Mb / 19P
Wide Input Voltage Range 90-264 VAC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com