Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP450 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # SFP450
Description  Wide input voltage range (90-264 VAC) with PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFP450 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  SFP450 Datasheet HTML 1Page - Bel Fuse Inc. SFP450 Datasheet HTML 2Page - Bel Fuse Inc. SFP450 Datasheet HTML 3Page - Bel Fuse Inc. SFP450 Datasheet HTML 4Page - Bel Fuse Inc. SFP450 Datasheet HTML 5Page - Bel Fuse Inc. SFP450 Datasheet HTML 6Page - Bel Fuse Inc. SFP450 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFP450 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2018 Bel Power Solutions & Protection
BCD20030-G_AC
Weight
1.46 kg (3.22 lb)
Dimensions
78 x 40 x 337.4 mm
Figure 1. Mechanical Drawings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com