Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP450 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SFP450
Description  Wide input voltage range (90-264 VAC) with PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFP450 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SFP450 Datasheet HTML 1Page - Bel Fuse Inc. SFP450 Datasheet HTML 2Page - Bel Fuse Inc. SFP450 Datasheet HTML 3Page - Bel Fuse Inc. SFP450 Datasheet HTML 4Page - Bel Fuse Inc. SFP450 Datasheet HTML 5Page - Bel Fuse Inc. SFP450 Datasheet HTML 6Page - Bel Fuse Inc. SFP450 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SFP450 Series
tech.support@psbel.com
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
Approved to the latest edition of the following standards:
UL/CSA60950-1, IEC60950-1 and EN60950-1.
CE Mark for LVD
Electromagnetic Interference
FCC CFR title 47 Part 15 Sub-Part B,
EN55022/CISPR 22.
Conducted:
Radiated:
A
A
Class
Harmonics
Per IEC61000-3-2.
A
Class
Voltage Fluctuation and
Flicker
Per IEC61000-3-3.
Pass
ESD Susceptibility
Per EN 61000-4-2, Level 4
Performance criteria A
Contact Discharge:
Air Discharge:
±8
±15
kV
Radiated Susceptibility
Per EN 61000-4-3, Level 3, Performance criteria A
10
V/M
EFT/Burst
Per EN 61000-4-4, Level 4
Performance criteria A
±4
kV
Input Transient Protection
Per EN 61000-4-5, Class 3
Performance criteria A
Line-to-Line:
Line-to-Ground:
1
2
kV
RF Conducted Disturbances
Per EN 61000-4-6, Level 2, Performance criteria A
3
V
Voltage Interruptions
Per EN 61000-4-11, performance criterion B 30%.
Per EN 61000-4-11, performance criterion C 60%.
Per EN 61000-4-11, performance criterion C 95%.
10
100
5
ms
ms
sec
Voltage Sag Immunity
Per SEMI F47-0999 > 100 VAC.
No output voltage interruption.
Leakage Current
Per EN60950.
At 240 VAC:
1.75
mA
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
Non-Operating.
10K
40K
ASL ft
Operating Temperature
Internal DC fan for cooling.
At 100% load:
0
50
ºC
Storage Temperature
-40
85
ºC
Temperature Coefficient
0 ºC to 45 ºC (after 15-minute warm-up).
0.02
%/ºC
Relative Humidity
Non-condensing.
95
%RH
Shock
Operating: half-sine, 11 ms, 3-axis.
±10
Gpk
Vibration
Operating: swept sine 5-500 Hz.
Non-operating: random 10-2000 Hz.
2
6.15
Gpk
Grms
Reliability MTBF
(Calculated) MILHDBK 217F Ground Benign.
Demonstrated.
Useful Life
100 000
200 000
10
hrs
hrs
yrs
INDICATOR
LED COLOR
Power Good
GREEN
AC OK
GREEN (Input > 85 VAC)
PS FAIL
AMBER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com