Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCDB800 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB800
Description  CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB800 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCDB800 Datasheet HTML 7Page - Texas Instruments CDCDB800 Datasheet HTML 8Page - Texas Instruments CDCDB800 Datasheet HTML 9Page - Texas Instruments CDCDB800 Datasheet HTML 10Page - Texas Instruments CDCDB800 Datasheet HTML 11Page - Texas Instruments CDCDB800 Datasheet HTML 12Page - Texas Instruments CDCDB800 Datasheet HTML 13Page - Texas Instruments CDCDB800 Datasheet HTML 14Page - Texas Instruments CDCDB800 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
7 Parameter Measurement Information
DUT
Differential impedance 85
>100 k
< 1 pF
GND
< 1 pF
GND
High
Impedance
Probe
10 inches/ 25.4 cm
2 pF
2 pF
CK+
CK-
Figure 7-1. AC Test Load (Referencing Intel DB2000QL Document)
DUT
CK+
CK-
R1
R1
0.75 V
0.75 V
GND
GND
SMA
SMA
50
42.5
85
R1 = 47 Ω and R2 = 147 Ω.
Figure 7-2. DC Simulation Load (Referencing Intel DB2000QL Document)
www.ti.com
CDCDB800
SNAS818 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CDCDB800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com