| Electronic Components Datasheet Search |
|
CDCDB800 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCDB800 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 31 page ![]() 8 Detailed Description 8.1 Overview The CDCDB800 is a low additive-jitter, low propagation delay clock buffer designed to meet the strict performance requirements for PCIe Gen 1-5, QPI, UPI, SAS, and SATA reference clocks. The CDCDB800 allows buffering and replication of a single clock source to up to eight individual outputs in the LP-HCSL format. The CDCDB800 also includes status and control registers accessible by an SMBus version 2.0 compliant interface. The device integrates a large amount of external passive components to reduce overall system cost. 8.2 Functional Block Diagram CLKIN_P CLKIN_N CK0_P CK0_N CK1_P CK1_N CK2_P CK2_N CK3_P CK3_N CK7_P CK7_N SMBDAT SMBCLK Glitch Free Output Control Logic Control Logic CKPWRGD_PD# OE[7:0]# SMBWRTLOCK 8.3 Feature Description 8.3.1 Fail-Safe Input The CDCDB800 is designed to support fail-safe input operation feature. This feature allows the user to drive the device inputs before VDD is applied without damaging the device. Refer to Absolute Maximum Ratings for more information on the maximum input supported by the device. 8.3.2 Output Enable Control The CDCDB800 uses SMBus and OE# to control the state of the output channels. The OE# pins control the state of the output with the same number. For example, the OE5# pin controls the state of the CK5 output driver. The SMBus registers may enable or disable the output when the corresponding OE# pin is held low. 8.3.3 SMBus The CDCDB800 has an SMBus interface that is active only when CKPWRGD_PD# = 1. The SMBus allows individual enable/disable of each output. When CKPWRGD_PD# = 0, the SMBus pins are placed in a Hi-Z state, but all register settings are retained. The SMBus register values are only retained while VDD remains inside of the recommended operating voltage. 8.3.3.1 SMBus Address Assignment The CDCDB800 responds to SMBus address of 0xD8 for write operations (Read/Write = 0), and 0xD9 for read operations (Read/Write = 1). CDCDB800 SNAS818 – JULY 2021 www.ti.com 12 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: CDCDB800 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |