Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB096AB80CW8 Datasheet(PDF) 52 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 48Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 49Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 50Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 51Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 52Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 53Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 54Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 55Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
9 DC and AC parameters
M69KB096AB
52/73
Table 20.
Clock Related AC Timings
Table 21.
Synchronous Burst Read AC Characteristics
Symbol
Alt.
Parameter
104MHz
80MHz
Unit
Min
Max
Min
Max
fCLk
fCLk
Clock frequency
104
80
MHz
tKHKH
tCLK
Clock Period
9.62
12.5
ns
tR
tF
tKHKL
Clock Rise Time
Clock Fall Time
1.6
1.8
ns
tKHKL
tKLKH
tKP
Clock High to Clock Low
Clock Low to Clock High
34
ns
Symbol
Alt.
Parameter(1)
104MHz
80MHz
Unit
Min
Max
Min
Max
tAVQV
tAA
Address Valid to Output Valid (Fixed Latency)
70
70
ns
tLLQV
tAADV Latch Enable Low to Output Valid (Fixed Latency)
70
70
ns
tKHQV1
tABA
Burst to Read Access Time (Variable Latency)
35
46
ns
tKHQV2
tACLK Clock High to Output Delay
7
9
ns
tGLQV
tBOE
Delay From Output Enable Low to Output Valid in
Burst mode
20
20
ns
tEHEL
(2)
tCBPH
Chip Enable High between Subsequent Operations
in Full-Synchronous or NOR-Flash mode.
56
ns
tELEH
(2)
tCEM
Chip Enable Pulse Width
4
4
µs
tELTV
tLLTV
tCEW
Chip Enable Low to WAIT Valid
Latch Enable Low to WAIT Valid
1
7.5
1
7.5
ns
tELQV
tCO
Chip Enable Low to Output Valid
70
70
ns
tELKH
tCSP
Chip Enable Low to Clock High
3
4
ns
tKHAX
tKHBH
tKHWL
tKHEH
tKHLH
tKHQX
tHD
Hold Time From Active Clock Edge
2
2
ns
tEHQZ
tEHTZ
(3)
tHZ
Chip Enable High to Output Hi-Z or WAIT Hi-Z
8
8
ns
tKHTX
tKHTV
tKHTL Clock High to WAIT Valid
7
9
ns
tGHQZ
(3)
tOHZ
Output Enable High to Output Hi-Z
8
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com