Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB096AB80CW8 Datasheet(PDF) 32 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 28Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 29Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 30Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 31Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 32Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 33Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 34Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 35Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
7 Configuration Registers
M69KB096AB
32/73
Table 10.
Burst Type Definition
Start
Add
4 Words
(Sequential)
BCR2-
BCR0=001b
8 Words
(Sequential)
BCR2-BCR0=010b
16 Words
(Sequential)
BCR2-BCR0=011b
32 Words
(Sequential) BCR2-
BCR0=100b
Continuous Burst
BCR2-BCR0=111b
0
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-...-14-15
0-1-2-3-...-30-31
0-1-2-3-..-511-.
1
1-2-3-0
1-2-3-4-5-6-7-0
1-2-3-4-...-14-15-0
1-2-3-...-30-31-0
1-2-3-4-...-510-511-
2
2-3-0-1
2-3-4-5-6-7-0-1
2-3-4-5-...-15-0-1
2-3-4-...-31-0-1
2-3-4-5-6-...-511-
3
3-0-1-2
3-4-5-6-7-0-1-2
3-4-5-...-15-0-1-2
3-4-5-...-31-0-1-2
3-4-5-...-511-
4
4-5-6-7-0-1-2-3
4-5-...-15-0-1-2-3
4-5-6-...-31-0-1-2-3
4-5-...-511-
5
5-6-7-0-1-2-3-4
5-6-7-...-15-0-1-...-4
5-6-7-..-31-0-1-..-4
5-6-7-...-511-
6
6-7-0-1-2-3-4-5
6-7-8-...-15-0-1-...-5
6-7-8-...-31-0-1-...-5
6-7-8-...-511-
7
7-0-1-2-3-4-5-6
7-8-9-...15-0-1-...-6
7-8-9-...-31-0-1-...-6
7-8-9-...-511-
...
...
...
...
...
...
14
14-15-0-1-2-...-13
14-15-...-31-0-...-13
14-...511-
15
15-0-1-2-...-14
15-0-1-...-31-0-...-14
15-...511-
...
...
...
...
...
...
30
30-31-0-...-28-29
30-...-511-
31
31-0-1-...-29-30
31-...-511-
0
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-...-14-15
0-1-2-3-...-30-31
0-1-2-3-..-511-.
1
1-2-3-4
1-2-3-4-5-6-7-8
1-2-3-..-15-16
1-2-3-4-...-32
1-2-3-4-...-512-
2
2-3-4-5
2-3-4-5-6-7-8-9
2-3-4-...-17
2-3-4-...-33
2-3-4-5-...-513-
3
3-4-5-6
3-4-5-6-7-8-9-10
3-4-5-...-18
3-4-5-...-34
3-4-5-...-514-
4
4-5-6-7-8-9-10-11
4-5-6-...-19
4-5-6-...-35
4-5-6-...-515-
5
5-6-7-8-9-10-11-12
5-6-7-...-20
5-6-7-...-36
5-6-7-...-516-
6
6-7-8-9-10-11-12-13
6-7-8-...-21
6-7-8-...-37
6-7-8-...-517-
7
7-8-9-10-11-12-13-
14
7-8-9-...-22
7-8-9-...-38
7-8-9-...-518-
...
...
...
14
14-15-...-29
14-15-16-...-46
14-...-525-
15
15-16-17-...-30
15-16-17-...-47
15-...-526-
...
...
...
30
30-31-0-...-28-62
30-...-541-
31
31-0-1-...-29-63
31-...-542-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com