Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB096AB80CW8 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 26Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 27Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 28Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 29Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 30Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 31Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 32Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 33Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
7 Configuration Registers
M69KB096AB
30/73
7.3.5
WAIT Configuration Bit (BCR8)
The system memory microcontroller uses the WAIT signal to control data transfer during
Synchronous Burst Read and Write operations.
The WAIT Configuration bit is used to determine when the transition of the WAIT output signal
between the asserted and the de-asserted state occurs with respect to valid data available on
the data bus.
When the Wait Configuration bit is set to ‘0’, data is valid or invalid on the first Clock rising edge
immediately after the WAIT signal transition to the de-asserted or asserted state.
When the Wait Configuration bit is set to ‘1’ (default settings), the WAIT signal transition occurs
one clock cycle prior to the data bus going valid or invalid.
See Figure 9: WAIT Configuration Example for an example of WAIT configuration.
7.3.6
Driver Strength Bits (BCR5-BCR4)
The Driver Strength bits allow to set the output drive strength to adjust to different data bus
loading. Normal driver strength (full drive) and reduced driver strength (half drive and a quarter
drive) are available.
By default, outputs are configured at ‘half drive” strength.
7.3.7
Burst Wrap Bit (BCR3)
Burst Read operations can be confined inside the 4, 8, 16 or 32 Word boundary (wrap mode). If
the wrap mode is not enabled, the device outputs data sequentially up to the end of the row,
regardless of burst boundaries.
The Burst Wrap bit is used to select between ‘wrap’ and ‘no wrap’ mode.
7.3.8
Burst Length Bits (BCR2-BCR0)
The Burst Length bits set the number of Words to be output or input during a Synchronous
Burst Read or Write operation. They can be set for 4 Words, 8 Words, 16 Words, 32 Words or
Continuous Burst (default settings), where all the Words are output or input sequentially
regardless of address boundaries (see also Table 10: Burst Type Definition).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com