Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB096AB80CW8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 1 Page - STMicroelectronics

  M69KB096AB80CW8 Datasheet HTML 1Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 2Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 3Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 4Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 5Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 6Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 7Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 8Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Rev 1
November 2005
1/73
1
M69KB096AB
64 Mbit (4 Mb x16), 104MHz Clock Rate,
1.8V Supply, Bare Die, Burst PSRAM
Features summary
■
Supply Voltage
–VCC = 1.7 to 1.95V core supply voltage
–VCCQ = 1.7 to 1.95V for I/O buffers
■
User-selectable Operating Modes
– Asynchronous Modes: Random Read, and
Write, Page Read
– Synchronous Modes: NOR-Flash, Full
Synchronous (Burst Read and Write)
■
Asynchronous Random Read
– Access Time: 70ns
■
Asynchronous Page Read
– Page Size: 4, 8 or 16 Words
– Subsequent Read Within Page: 20ns
■
Burst Read
– Fixed Length (4, 8, 16 or 32 Words) or
Continuous
– Maximum Clock Frequency: 104MHz
– Output delay: 7ns at 104MHz
■
Low Power Consumption
– Active Current: < 25mA
– Standby Current: 140µA
– Deep Power-Down Current: < 10µA
■
Low Power Features
– Partial Array Self-Refresh (PASR)
– Deep Power-Down (DPD) Mode
– Automatic Temperature-compensated Self-
Refresh
■
Operating Temperature
– –30°C to +85°C
The M69KB096AB is only available as part of a multi-chip package Product.
Wafer
www.st.com


Similar Part No. - M69KB096AB80CW8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M69KB096AA STMICROELECTRONICS-M69KB096AA Datasheet
623Kb / 48P
64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
19-Jan-2006
M69KB096AA70CW8 STMICROELECTRONICS-M69KB096AA70CW8 Datasheet
623Kb / 48P
64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
19-Jan-2006
M69KB096AA85AW8 STMICROELECTRONICS-M69KB096AA85AW8 Datasheet
623Kb / 48P
64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
19-Jan-2006
More results

Similar Description - M69KB096AB80CW8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Jun-2003
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
19-Feb-2003
logo
ATMEL Corporation
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
64 MBIT FLASH 16 MBIT PSRAM
logo
STMicroelectronics
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
09-Dec-2004
M69KB096AA STMICROELECTRONICS-M69KB096AA Datasheet
623Kb / 48P
64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
19-Jan-2006
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
24-Jun-2005
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
20-Jan-2006
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com