Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB096AB80CW8 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 21Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 22Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 23Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 24Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 25Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 26Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 27Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 28Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
M69KB096AB
6 Synchronous Operating modes
25/73
Figure 5.
Switching from Asynchronous to Synchronous Write Operation
Figure 6.
Refresh Collision during Synchronous Burst Read in Variable Latency Mode
1.
Additional Wait states are inserted to allow Refresh completion.
The latency is set to 3 clock cycles (BCR13-BCR11 = 010). The WAIT must be active Low, VIL, (BCR10 = 0) and asserted
during delay (BCR8= 0).
Addr.
K
AI10203
E
W
L
VALID
tAVWL
tELKH
A0-A22
WAIT
DQ0-DQ15
K
Additional WAIT states inserted
to allow Refresh completion
Address
Valid
AI11275b
L
E
G
W
Hi Z
Hi Z
LB/UB
Q0
Q1
Q2
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com