Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD39210 Datasheet(PDF) 5 Page - Microchip Technology

Part # PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Datasheet(HTML) 5 Page - Microchip Technology

  PD39210 Datasheet HTML 1Page - Microchip Technology PD39210 Datasheet HTML 2Page - Microchip Technology PD39210 Datasheet HTML 3Page - Microchip Technology PD39210 Datasheet HTML 4Page - Microchip Technology PD39210 Datasheet HTML 5Page - Microchip Technology PD39210 Datasheet HTML 6Page - Microchip Technology PD39210 Datasheet HTML 7Page - Microchip Technology PD39210 Datasheet HTML 8Page - Microchip Technology PD39210 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
1.4
Software Library
Firmware (without the boot section), GUI, and API are available on Microchip’s Software Library.
1.5
SPI Communication
The PD39208 manager uses SPI communication in SPI client mode to communicate with the various controllers.
Each manager has an address determined by ADDR0–ADDR3 pins. Each controller can support up to 12 ICs at
addresses 0–11. The actual frequency between PD39210 and PD39208 ICs is 1 MHz.
The following table lists the SPI communication packet structure.
Table 1-1. SPI Communication—Packet Structure
Control Byte Selects
PD39208 According to
Address
R/W Bit
Internal Register
Address
Number of Words
(Read Access Only)
Data Written to IC
(Write Access Only)
Read from IC (Read
Access Only)
8 bits
R(0)/W(1)
8 bits
8 bits
16 bits
For more information about the SPI interface, see the PD39208 Manager Datasheet.
1.6
UART
A pull-up resistor is required on the UART communication line. For more information, see Designing an
IEEE802.3af/at PoE System Based on PD39210/PD39208.
UART communications configuration:
• Bits per second: 19,200 bps
• Data bits: 8
• Parity: None Stop bits: 1
• Flow control: None
1.7
I2C
The PD39210 requires the host to support I2C clock stretch.
I2C communication configuration:
• Address: 7 bits
• Clock stretch: Host should support
• Transaction: 15 bytes or 1 byte
PD39210
Architecture
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com