Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD39210 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD39210 Datasheet HTML 4Page - Microchip Technology PD39210 Datasheet HTML 5Page - Microchip Technology PD39210 Datasheet HTML 6Page - Microchip Technology PD39210 Datasheet HTML 7Page - Microchip Technology PD39210 Datasheet HTML 8Page - Microchip Technology PD39210 Datasheet HTML 9Page - Microchip Technology PD39210 Datasheet HTML 10Page - Microchip Technology PD39210 Datasheet HTML 11Page - Microchip Technology PD39210 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
3.
Pins
The PD39210 controller has 32 pins, which are described in this section.
3.1
Pin Diagrams
The following figures represent the top view of PD39210 device.
Figure 3-1. PD39210 Pin Diagram
PD39210
Top View
OPS Trace Code
24
23
22
21
19
20
18
17
FAN_CONTROL
RESERVED
I2C0_SCL
I2C0_SDA
xI2C_MESSAGE_READY
xLED_CS
xLED_OE
RESERVED
ESPI_MISO
ESPI_SCK
xSys_OK/
LED System OK
xDISABLE_PORTS
RESERVED
ESPI_xCS
ESPI_MOSI
1
2
3
4
6
5
7
8
ARM
RESERVED
Note: For definitions about markings in the pinout diagram, see Ordering Information.
PD39210
Pins
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com