Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD39210 Datasheet(PDF) 10 Page - Microchip Technology

Part # PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PD39210 Datasheet HTML 6Page - Microchip Technology PD39210 Datasheet HTML 7Page - Microchip Technology PD39210 Datasheet HTML 8Page - Microchip Technology PD39210 Datasheet HTML 9Page - Microchip Technology PD39210 Datasheet HTML 10Page - Microchip Technology PD39210 Datasheet HTML 11Page - Microchip Technology PD39210 Datasheet HTML 12Page - Microchip Technology PD39210 Datasheet HTML 13Page - Microchip Technology PD39210 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
...........continued
PD39210
Pin
Designation
Type
Description
20
FAN_CONTROL
OUT
Logic out that may be used to control a fan driver.
(Active High)
21
I2C0_SDA
IN/OUT
I2C bidirectional data. 15-byte protocol messages are
transmitted on this line.
22
I2C0_SCL
IN/OUT
I2C clock from the host. Speed is limited to 400 KHz.
Clock stretch required. Pull up required, see AN3361
for details.
23
xLED_CS
OUT
Chip select signal for LED stream. (Active Low)
24
xI2C_MESSAGE_READY
OUT
I2C message ready for reading by the host. Controller
asserts this line low when it has an answer to the
host. Therefore, the host can poll this line and initiate
I2C read cycle only when the message is ready. After
the host reads the data from the controller, this pin is
asserted to high. (Active Low)
25
xINT_OUT
OUT
Interrupt output indication. This line is asserted low
when a pre-configured event is in progress. (Active
Low)
26
xRESET
IN/OUT
Host Reset input (Active Low). Controller can
generate self-reset. In this case, the xRESET pin is
driven low by the controller for 100 µs. See AN3361
for pin connection requirements.
27
xLED_LATCH
OUT
Latch signal for LED stream. (Active Low)
28
VSSD
GND
Ground.
29
VDD_CORE
Power
1.2 V core voltage connect 1 μF capacitor to VSSD.
30
VDD
Supply
Main 3.3 V supply.
31
SWD_CLK
PD69210 and PD39210 use a 1 kΩ pull-up to 3.3 V.
PD69220 leave open or use 1k pull-up.
32
SWD_DIO
Leave open.
ePAD
ePAD
Connect to VSSA. Must have sufficient copper mass
to ensure adequate thermal performance.
PD39210
Pins
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com