Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD39210 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Datasheet(HTML) 1 Page - Microchip Technology

  PD39210 Datasheet HTML 1Page - Microchip Technology PD39210 Datasheet HTML 2Page - Microchip Technology PD39210 Datasheet HTML 3Page - Microchip Technology PD39210 Datasheet HTML 4Page - Microchip Technology PD39210 Datasheet HTML 5Page - Microchip Technology PD39210 Datasheet HTML 6Page - Microchip Technology PD39210 Datasheet HTML 7Page - Microchip Technology PD39210 Datasheet HTML 8Page - Microchip Technology PD39210 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PD39210
PoE PSE Controller
Introduction
The PD39210 is a member of the Microchip Generation 6 family of PSE controllers. The device when used with the
Microchip PD39208 PSE manager is an optimized IEEE
® 802.3af/at Power Sourcing Equipment (PSE) solution.
The Microchip Generation 6 family of PSE controllers includes the PD69210, PD69220, and PD39210 devices. The
PD69210 and PD69220 have an identical feature set and differ only in physical pinout. The PD39210 has an identical
pinout to the PD69210, with a reduced feature set. The PD69210, PD69220, and PD39210 are based on the
Microchip SAM D21 family. The PD69210 and PD39210 are recommended for all new designs. The PD69220 is
available for existing designs.
The PD39210 will support up to 48 2-pair logical ports and is available in a 32-pin, 5 mm × 5 mm QFN package.
Typical PoE Application
The following figure shows the typical PoE application using the PD39210 Controller and PD39208 Manager.
Figure 1. Typical IEEE 802.3af/at PoE Application
Consult Microchip AN3615 Designing an IEEE 802.3af/at PoE System Based on PD39210 + PD39208 Chipset.
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 1


Similar Part No. - PD39210

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
More results

Similar Description - PD39210

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274 LINER-LTC4274_15 Datasheet
362Kb / 28P
Single PoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD69210 MICROCHIP-PD69210 Datasheet
485Kb / 21P
PoE PSE Controller Datasheet
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com