Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD39210 Datasheet(PDF) 9 Page - Microchip Technology

Part # PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PD39210 Datasheet HTML 5Page - Microchip Technology PD39210 Datasheet HTML 6Page - Microchip Technology PD39210 Datasheet HTML 7Page - Microchip Technology PD39210 Datasheet HTML 8Page - Microchip Technology PD39210 Datasheet HTML 9Page - Microchip Technology PD39210 Datasheet HTML 10Page - Microchip Technology PD39210 Datasheet HTML 11Page - Microchip Technology PD39210 Datasheet HTML 12Page - Microchip Technology PD39210 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
3.2
Pin Descriptions
The following tables describe the functional pin descriptions of the PD39210 device.
Table 3-1. Pin Descriptions
PD39210
Pin
Designation
Type
Description
1
Reserved
OUT
Reserved UART. Leave open.
2
Reserved
IN
Reserved UART. Pull up to 3.3 V via 10 kΩ.
3
xSys_OK/LED System OK
OUT
System validity indication. The behavior of this output
is controlled by individual software mask. (Active
Low)
4
xDISABLE_PORTS
IN
Disable all PoE ports. When this input is asserted low,
the controller shuts down all PoE ports in the system.
See AN3361 for pin connection requirements. (Active
Low)
5
ESPI_MISO
IN
ESPI bus to PoE manager. SPI host in, client out. SPI
packets are received on this line.
6
ESPI_SCK
OUT
ESPI bus to PoE manager. SPI clock output to
PD39208, and LED stream clock output, set to 1
MHz.
7
ESPI_xCS
OUT
ESPI bus to PoE manager. SPI chip select. Pull-up
required. See AN3361 for pin connection
requirements. (Active Low)
8
ESPI_MOSI
OUT
ESPI bus from PoE manager. SPI host out, client in.
SPI packets are received on this line.
9
VDDA
Supply
Main Supply 3.3 V.
10
VSSA
GND
Ground.
11
Reserved
Analog_IN
Reserved Analog_IN. Connect to 3.3 V through 10 kΩ
or GND through 10 kΩ.
12, 19
Reserved
Reserved. Leave open.
13
I2C_ADDR_MEAS
Analog_IN
Analog input to determine I2C address or UART
operation.
14
Reserved
Connect to GND.
15
UART0_TX
OUT
UART transmit to host. 15-byte protocol reply/
telemetry is transmitted on this line. The baud rate is
set to 19,200 bps.
16
UART0_RX
IN
UART receive from a host. 15-byte protocol
commands are received on this line. The baud rate is
set to 19,200 bps. Pull-up is required. See AN3361
for details.
17
Reserved
Oscillator
Reserved. Oscillator output. Leave open.
18
xLED_OE
OUT
Output enable signal for the LED stream. (Active
Low)
PD39210
Pins
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com