Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 63Page - Dialog Semiconductor AT45DB021E Datasheet HTML 64Page - Dialog Semiconductor AT45DB021E Datasheet HTML 65Page - Dialog Semiconductor AT45DB021E Datasheet HTML 66Page - Dialog Semiconductor AT45DB021E Datasheet HTML 67Page - Dialog Semiconductor AT45DB021E Datasheet HTML 68Page - Dialog Semiconductor AT45DB021E Datasheet HTML 69Page - Dialog Semiconductor AT45DB021E Datasheet HTML 70Page - Dialog Semiconductor AT45DB021E Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
66
AT45DB021E
DS-AT45DB021E—8789J—03/2021
28
Ordering Information
28.1 Ordering Detail
28.2 Ordering Codes (Standard DataFlash Page Size)
Notes: 1. The shipping carrier suffix is not marked on the device.
2. Contact Dialog Semiconductor for mechanical drawing or Die Sales information.
3. Contact Dialog Semiconductor for availability.
Device Grade
H
= Green, NiPdAu lead finish,
Industrial temperature range
(–40°C to +85°C)
U = Green, Matte Sn, or Sn alloy,
Industrial temperature range
(–40°C to +85°C)
Designator
Product Family
Device Density
Device Revision
Shipping Carrier Option
Package Option
02 = 2-Mbit
Interface
1 = Serial
45DB = DataFlash
B
= Bulk (tubes)
T
= Tape and reel
Y
= Trays
Operating Voltage
N
= 1.65 V minimum (1.65 V to 3.6 V)
SS = 8-lead, 0.150” narrow SOIC
S
= 8-lead, 0.208” wide SOIC
M = 8-pad, 5 x 6 x 0.6 mm UDFN
U = 8-ball 1.9 x 1.4 mm WLCSP
DWF = Die in Wafer Form
A T 45DB021E-SSHN-B
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB021E-SSHN-B 1
8S1
NiPdAu
1.65 V to 3.6 V
70 MHz
Industrial
(-40
°C to 85°C)
AT45DB021E-SSHN-T 1
AT45DB021E-SHN-B 1
8S2
AT45DB021E-SHN-T 1
AT45DB021E-MHN-Y 1
8MA1
AT45DB021E-MHN-T 1
AT45DB021E-UUN-T 1,3
CS2-8A
AT45DB021E-DWF 2
DWF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com