Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 3Page - Dialog Semiconductor AT45DB021E Datasheet HTML 4Page - Dialog Semiconductor AT45DB021E Datasheet HTML 5Page - Dialog Semiconductor AT45DB021E Datasheet HTML 6Page - Dialog Semiconductor AT45DB021E Datasheet HTML 7Page - Dialog Semiconductor AT45DB021E Datasheet HTML 8Page - Dialog Semiconductor AT45DB021E Datasheet HTML 9Page - Dialog Semiconductor AT45DB021E Datasheet HTML 10Page - Dialog Semiconductor AT45DB021E Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
6
AT45DB021E
DS-AT45DB021E—8789J—03/2021
2
Pin Configurations and Pinouts
Figure 2-1. Pinouts
Note:
1. The metal pad on the bottom of the UDFN package is not internally connected to a voltage potential. This
pad can be a “no connect” or connected to GND.
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
8-lead SOIC
Top View
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
8-pad UDFN
Top View
(through package)
(1)
V
CC
GND
SO
CS
SCK
SI
WP
RESET
8-Ball WLCSP
Bottom View
Pin 1
Table 2-1.
Pin Configurations
Symbol
Name and Function
Asserted
State
Type
CS
Chip Select: Asserting the CS pin selects the device. When the CS pin is deasserted, the
device is deselected and normally placed in the standby mode (not Deep Power-Down mode)
and the output pin (SO) is in a high-impedance state. When the device is deselected, data are
not accepted on the input pin (SI).
A high-to-low transition on the CS pin is required to start an operation and a low-to-high
transition is required to end an operation. When ending an internally self-timed operation such
as a program or erase cycle, the device does not enter the standby mode until the operation is
done.
Low
Input
SCK
Serial Clock: This pin is used to provide a clock to the device and is used to control the flow of
data to, and from, the device. Command, address, and input data present on the SI pin is
latched on the rising edge of SCK, while output data on the SO pin is clocked out on the falling
edge of SCK.
—
Input
SI
Serial Input: The SI pin is used to shift data into the device. The SI pin is used for all data
input, including command and address sequences. Data on the SI pin is latched on the rising
edge of SCK. Data present on the SI pin is ignored whenever the device is deselected (CS is
deasserted).
—
Input
SO
Serial Output: The SO pin is used to shift data out from the device. Data on the SO pin are
clocked out on the falling edge of SCK. The SO pin is in a high-impedance state whenever the
device is deselected (CS is deasserted).
—
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com