Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021E Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button AT45DB021E Datasheet HTML 20Page - Dialog Semiconductor AT45DB021E Datasheet HTML 21Page - Dialog Semiconductor AT45DB021E Datasheet HTML 22Page - Dialog Semiconductor AT45DB021E Datasheet HTML 23Page - Dialog Semiconductor AT45DB021E Datasheet HTML 24Page - Dialog Semiconductor AT45DB021E Datasheet HTML 25Page - Dialog Semiconductor AT45DB021E Datasheet HTML 26Page - Dialog Semiconductor AT45DB021E Datasheet HTML 27Page - Dialog Semiconductor AT45DB021E Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
23
AT45DB021E
DS-AT45DB021E—8789J—03/2021
8.3.1
Erase Sector Protection Register
In order to modify and change the values of the Sector Protection Register, it must first be erased using the Erase
Sector Protection Register command.
To erase the Sector Protection Register, a four-byte command sequence of 3Dh, 2Ah, 7Fh, and CFh must be
clocked into the device. After the last bit of the opcode sequence has been clocked in, the CS pin must be
deasserted to initiate the internally self-timed erase cycle. The erasing of the Sector Protection Register takes
place in a maximum time of tPE. During this time, the RDY/BUSY bit in the Status Register indicates that the device
is busy. If the device is powered-down before the erase cycle is done, then the contents of the Sector Protection
Register cannot be guaranteed.
The Sector Protection Register can be erased with sector protection enabled or disabled. Since the erased state
(FFh) of each byte in the Sector Protection Register is used to indicate that a sector is specified for protection,
leaving the sector protection enabled during the erasing of the register allows the protection scheme to be more
effective in the prevention of accidental programming or erasing of the device. If an erroneous program or erase
command is sent to the device immediately after erasing the Sector Protection Register and before the register can
be reprogrammed, then the erroneous program or erase command is not processed, because all sectors are
protected.
Table 8-6.
Erase Sector Protection Register Command
Figure 8-4. Erase Sector Protection Register Timing
8.3.2
Program Sector Protection Register
Once the Sector Protection Register has been erased, it can be reprogrammed using the Program Sector
Protection Register command.
To program the Sector Protection Register, a four-byte command sequence of 3Dh, 2Ah, 7Fh, and FCh must be
clocked into the device followed by eight bytes of data corresponding to Sectors 0 through 7. After the last bit of the
opcode sequence and data have been clocked in, the CS pin must be deasserted to initiate the internally self-timed
program cycle. Programming the Sector Protection Register takes place in a maximum time of tP. During this time,
the RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is powered-down before the
erase cycle is done, then the contents of the Sector Protection Register cannot be guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the protection status of
the sectors corresponding to the bytes not clocked in cannot be guaranteed.
Example:
If only the first two bytes are clocked in instead of the complete eight bytes, then the protection status of the
last six sectors cannot be guaranteed. Furthermore, if more than eight bytes of data is clocked into the
device, the data wraps back around to the beginning of the register. For instance, if nine bytes of data are
clocked in, then the ninth byte is stored at byte location 0 of the Sector Protection Register.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Erase Sector Protection Register
3Dh
2Ah
7Fh
CFh
3Dh
2Ah
7Fh
CFh
CS
Each transition represents eight bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com